Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP200M Datasheet(PDF) 14 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 14 Page - STMicroelectronics

Back Button CLP200M_03 Datasheet HTML 10Page - STMicroelectronics CLP200M_03 Datasheet HTML 11Page - STMicroelectronics CLP200M_03 Datasheet HTML 12Page - STMicroelectronics CLP200M_03 Datasheet HTML 13Page - STMicroelectronics CLP200M_03 Datasheet HTML 14Page - STMicroelectronics CLP200M_03 Datasheet HTML 15Page - STMicroelectronics CLP200M_03 Datasheet HTML 16Page - STMicroelectronics CLP200M_03 Datasheet HTML 17Page - STMicroelectronics CLP200M_03 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
14/21
TEST CIRCUIT FOR ISWOFF PARAMETER : GO-NO GO TEST
R
-VP
V
BAT
-48V
=
Surge
generator
D.U.T.
This is a GO-NO GO test which allows to confirm the switch-off (ISWOFF) level in a functional test circuit.
TEST PROCEDURE :
- Adjust the current level at the ISWOFF value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current : IPP = 10A, 10/1000
µs.
- The D.U.T. will come back to the OFF-state within a duration of 50ms max.
3
5
7
9
11
13
100
200
300
500
Rsense ( )
ISWON (mA)
-20°C
25°C
75°C
Fig. 29 : Typical variation of switching-on current
(positive or negative) versus RSENSE resistor and
junction temperature (see test condition Fig 31).
35
7
9
11
100
200
300
500
Rsense ( )
Iswon @ 25°C (mA)
Iswon min
Iswon max
Iswon min
Iswon min
negative
negative
positive
positive
Fig. 30 : Variation of switching-on current versus
RSENSE at 25°C.
TIPL
TIPS
GND
Rsense
RINGL RINGS
±
DUT
R
RL
I1
48 V
Fig. 31 : ISWON MEASUREMENT
- Iswon = I1 when the CLP200M switches on (I1 is
progressively increased using R)
- Both TIP and RING sides of the CLP200M are
checked
-RL =10
Ω.
-40
-20
0
20
40
60
80
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj (°C)
ISWOFF [Tj°C] / ISWOFF [25°C]
Fig. 32 : Relative variation of switching-off current
versus junction temperature for RSENSE between 3
and 10
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com