Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T129Y Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T129Y Datasheet HTML 14Page - STMicroelectronics M48T129Y Datasheet HTML 15Page - STMicroelectronics M48T129Y Datasheet HTML 16Page - STMicroelectronics M48T129Y Datasheet HTML 17Page - STMicroelectronics M48T129Y Datasheet HTML 18Page - STMicroelectronics M48T129Y Datasheet HTML 19Page - STMicroelectronics M48T129Y Datasheet HTML 20Page - STMicroelectronics M48T129Y Datasheet HTML 21Page - STMicroelectronics M48T129Y Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Clock operations
M48T129V, M48T129Y
18/28
Doc ID 5710 Rev 4
Should the watchdog timer time-out, and the WDS bit is programmed to output an interrupt,
a value of “00h” needs to be written to the watchdog register in order to clear the IRQ/FT
pin. This will also disable the watchdog function until it is again programmed correctly. A
READ of the flags register will reset the watchdog flag (bit D7; register 1FFF0h).
The watchdog function is automatically disabled upon power-down and the watchdog
register is cleared. If the watchdog function is set to output to the IRQ/FT pin and the
frequency test function is activated, the watchdog or alarm function prevails and the
frequency test function is denied.
3.8
Power-on reset
The M48T129Y/V continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for tREC after VCC
passes VPFD (max). The RST pin is an open drain output and an appropriate pull-up resistor
to VCC should be chosen to control the rise time.
3.9
Battery low warning
The M48T129Y/V automatically performs battery voltage monitoring upon power-up and at
factory-programmed time intervals of approximately 24 hours. The battery low (BL) bit, bit
D4 of flags register 1FFF0h, will be asserted if the battery voltage is found to be less than
approximately 2.5 V.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity in the SRAM.
Data should be considered suspect and verified as correct.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied.
The M48T129Y/V only monitors the battery when a nominal VCC is applied to the device.
Thus applications which require extensive durations in the battery back-up mode should be
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique.
3.10
Initial power-on defaults
Upon application of power to the device, the following register bits are set to a '0' state:
WDS, BMB0-BMB4, RB0,RB1, AFE, ABE, W, R and FT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com