Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300MH1F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M40Z300MH1F
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH1F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M40Z300MH1F Datasheet HTML 5Page - STMicroelectronics M40Z300MH1F Datasheet HTML 6Page - STMicroelectronics M40Z300MH1F Datasheet HTML 7Page - STMicroelectronics M40Z300MH1F Datasheet HTML 8Page - STMicroelectronics M40Z300MH1F Datasheet HTML 9Page - STMicroelectronics M40Z300MH1F Datasheet HTML 10Page - STMicroelectronics M40Z300MH1F Datasheet HTML 11Page - STMicroelectronics M40Z300MH1F Datasheet HTML 12Page - STMicroelectronics M40Z300MH1F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
M40Z300, M40Z300W
Operation
Doc ID 5679 Rev 5
9/25
2
Operation
The M40Z300/W, as shown in Figure 5 on page 8, can control up to four (eight, if placed in
parallel) standard low-power SRAMs. These SRAMs must be configured to have the chip
enable input disable all other input signals. Most slow, low-power SRAMs are configured like
this, however many fast SRAMs are not. During normal operating conditions, the
conditioned chip enable (E1CON to E4CON) output pins follow the chip enable (E) input pin
with timing shown in Figure 6 on page 10 and Table 7 on page 17. An internal switch
connects VCC to VOUT. This switch has a voltage drop of less than 0.3V (IOUT1).
When VCC degrades during a power failure, E1CON to E4CON are forced inactive
independent of E. In this situation, the SRAM is unconditionally write protected as VCC falls
below an out-of-tolerance threshold (VPFD). For the M40Z300 the power fail detection value
associated with VPFD is selected by the Threshold Select (THS) pin and is shown in Table 6
on page 15. For the M40Z300W, the THS pin selects both the supply voltage and VPFD (also
shown in Table 6 on page 15).
Note:
In either case, THS pin must be connected to either VSS or VOUT.
If chip enable access is in progress during a power fail detection, that memory cycle
continues to completion before the memory is write protected. If the memory cycle is not
terminated within time tWPT, E1CON to E4CON are unconditionally driven high, write
protecting the SRAM. A power failure during a WRITE cycle may corrupt data at the
currently addressed location, but does not jeopardize the rest of the SRAM's contents. At
voltages below VPFD (min), the user can be assured the memory will be write protected
within the Write Protect Time (tWPT) provided the VCC fall time exceeds tF (see Figure 6 on
page 10).
As VCC continues to degrade, the internal switch disconnects VCC and connects the internal
battery to VOUT. This occurs at the switchover voltage (VSO). Below the VSO, the battery
provides a voltage VOHB to the SRAM and can supply current IOUT2 (see Table 6 on
page 15).
When VCC rises above VSO, VOUT is switched back to the supply voltage. Outputs E1CON to
E4CON are held inactive for tCER (120ms maximum) after the power supply has reached
VPFD, independent of the E input, to allow for processor stabilization (see Figure 10 on
page 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com