Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72101G1M3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72101G1M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1M3 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72101G1M3 Datasheet HTML 1Page - STMicroelectronics ST72101G1M3 Datasheet HTML 2Page - STMicroelectronics ST72101G1M3 Datasheet HTML 3Page - STMicroelectronics ST72101G1M3 Datasheet HTML 4Page - STMicroelectronics ST72101G1M3 Datasheet HTML 5Page - STMicroelectronics ST72101G1M3 Datasheet HTML 6Page - STMicroelectronics ST72101G1M3 Datasheet HTML 7Page - STMicroelectronics ST72101G1M3 Datasheet HTML 8Page - STMicroelectronics ST72101G1M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/85
ST72101/ST72212/ST72213
1.2 PIN DESCRIPTION
Figure 2. ST72212 Pinout (SO28)
Figure 3. ST72213 Pinout (SO28)
Figure 4. ST72101 Pinout (SO28)
Figure 5. ST72212 Pinout (SDIP32)
Figure 6. ST72213 Pinout (SDIP32)
Figure 7. ST72101 Pinout (SDIP32)
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0/ICAP1_B/AIN0
PC1/OCMP1_B/AIN1
PC2/CLKOUT/AIN2
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
AIN5/EXTCLK_A/PC5
AIN4/OCMP2_B/PC4
AIN3/ICAP2_B/PC3
15
16
17
18
19
20
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
(1) V
EPROM/OTP
l
1) V
PP
on EPROM/OTP only
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0/AIN0
PC1/AIN1
PC2/CLKOUT/AIN2
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
AIN5/EXTCLK_A/PC5
AIN4/PC4
AIN3/PC3
15
16
17
18
19
20
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1) V
PP
on EPROM/OTP only
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0
PC1
PC2/CLKOUT
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
EXTCLK_A/PC5
PC4
PC3
15
16
17
18
19
20
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1) V
PP
on EPROM/OTP only
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
AIN5/EXTCLK_A/PC5
AIN4/OCMP2_B/PC4
AIN3/ICAP2_B/PC3
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0/ICAP1_B/AIN0
PC1/OCMP1_B/AIN1
PC2/CLKOUT/AIN2
NC
NC
NC
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
1) V
PP
on EPROM/OTP only
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
AIN5/EXTCLK_A/PC5
AIN4/PC4
AIN3/PC3
NC
NC
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0/AIN0
PC1/AIN1
PC2/CLKOUT/AIN2
NC
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
1) V
PP
on EPROM/OTP only
VDD
VSS
TEST/VPP
1)
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0
PC1
PC2/CLKOUT
RESET
OSCIN
OSCOUT
SS/PB7
SCK/PB6
MISO/PB5
MOSI/PB4
OCMP2_A/PB3
ICAP2_A/PB2
OCMP1_A/PB1
ICAP1_A/PB0
EXTCLK_A/PC5
PC4
PC3
NC
NC
NC
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
1) V
PP
on EPROM/OTP only
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com