Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z2V0B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM1Z2V0B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM1Z2V0B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM1Z2V0B Datasheet HTML 1Page - EIC discrete Semiconductors MM1Z2V0B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Test
Max. Reverse
Current
Leakage Current
IZT
Min.
Nom.
Max.
(mA)
(Ω)
(mA)
(μA)
(V)
Min.
Max.
MM1Z2V0B
9A
1.85
2.0
2.20
5
100
5
120
0.5
-0.09
-0.06
MM1Z2V2B
9B
2.10
2.2
2.40
5
100
5
120
0.7
-0.09
-0.06
MM1Z2V4B
9C
2.30
2.4
2.65
5
100
5
120
1.0
-0.09
-0.06
MM1Z2V7B
9D
2.65
2.7
2.95
5
110
5
120
1.0
-0.09
-0.06
MM1Z3V0B
9E
2.95
3.0
3.25
5
120
5
50
1.0
-0.08
-0.05
MM1Z3V3B
9F
3.25
3.3
3.55
5
130
5
20
1.0
-0.08
-0.05
MM1Z3V6B
9H
3.60
3.6
3.845
5
130
5
10
1.0
-0.08
-0.05
MM1Z3V9B
9J
3.89
3.9
4.16
5
130
5
5
1.0
-0.08
-0.05
MM1Z4V3B
9K
4.17
4.3
4.43
5
130
5
5
1.0
-0.06
-0.03
MM1Z4V7B
9M
4.55
4.7
4.80
5
130
5
2
1.0
-0.05
+0.02
MM1Z5V1B
9N
4.95
5.1
5.20
5
130
5
2
1.5
-0.02
+0.02
MM1Z5V6B
9P
5.45
5.6
5.73
5
80
5
1
2.5
-0.05
+0.05
MM1Z6V2B
9R
6.00
6.2
6.33
5
50
5
1
3.0
0.03
0.06
MM1Z6V8B
9X
6.65
6.8
7.00
5
30
5
0.5
3.5
0.03
0.07
MM1Z7V5B
9Y
7.28
7.5
7.70
5
30
5
0.5
4.0
0.03
0.07
MM1Z8V2B
9Z
8.02
8.2
8.45
5
30
5
0.5
5.0
0.03
0.08
MM1Z9V1B
0A
8.80
9.1
9.30
5
30
5
0.5
6.0
0.03
0.09
MM1Z10B
0B
9.75
10
10.30
5
30
5
0.1
7.0
0.03
0.10
MM1Z11B
0C
10.70
11
11.28
5
30
5
0.1
8.0
0.03
0.11
MM1Z12B
0D
11.70
12
12.30
5
35
5
0.1
9.0
0.03
0.11
MM1Z13B
0E
12.43
13
14.00
5
35
5
0.1
10
0.03
0.11
MM1Z15B
0F
13.80
15
15.56
5
40
5
0.1
11
0.03
0.11
MM1Z16B
0H
15.31
16
17.14
5
40
5
0.1
12
0.03
0.11
MM1Z18B
0J
16.89
18
19.08
5
45
5
0.1
13
0.03
0.11
MM1Z20B
0K
18.80
20
21.14
5
50
5
0.1
15
0.03
0.11
MM1Z22B
0M
20.81
22
23.25
5
55
5
0.1
17
0.04
0.12
MM1Z24B
0N
22.86
24
25.66
5
60
5
0.1
19
0.04
0.12
MM1Z27B
0P
25.10
27
28.90
5
70
2
0.1
21
0.04
0.12
MM1Z30B
0R
28.00
30
32.00
5
80
2
0.1
23
0.04
0.12
MM1Z33B
0X
31.00
33
35.00
5
80
2
0.1
25
0.04
0.12
MM1Z36B
0Y
34.00
36
38.00
5
90
2
0.1
27
0.04
0.12
MM1Z39B
0Z
37.00
39
41.00
5
100
2
2.0
30
0.04
0.12
Notes :
(1) VZ is tested with pulses (20ms).
(2) VZ is measured at IZ by given a very small A.C. current signal.
Page 2 of 2
Rev. 01 : August 20, 2007
TYPE NO.
Dynamic Impedance
(2)
Zener Voltage
(1)
Temp. Coefficient
of Zener Voltage
TKVZ (%/K)
IR @ VR
VZ @ IZT (V)
ZZT @ IZT
Marking
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com