Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T59 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T59
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T59_08 Datasheet HTML 6Page - STMicroelectronics M48T59_08 Datasheet HTML 7Page - STMicroelectronics M48T59_08 Datasheet HTML 8Page - STMicroelectronics M48T59_08 Datasheet HTML 9Page - STMicroelectronics M48T59_08 Datasheet HTML 10Page - STMicroelectronics M48T59_08 Datasheet HTML 11Page - STMicroelectronics M48T59_08 Datasheet HTML 12Page - STMicroelectronics M48T59_08 Datasheet HTML 13Page - STMicroelectronics M48T59_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Operation modes
M48T59, M48T59Y, M48T59V
10/32
2.2
Write mode
The M48T59/Y/V is in the WRITE Mode whenever W and E are low. The start of a WRITE is
referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable
prior to the initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; however, if the output bus has been activated by a
low on E and G a low on W will disable the outputs tWLQZ after W falls.
Figure 6.
Write enable controlled, write mode AC waveforms
Figure 7.
Chip enable controlled, write mode AC waveforms
AI01386
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A12
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI01387B
tAVAV
tEHAX
tDVEH
A0-A12
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com