Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

915GL Datasheet(PDF) 83 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 83 Page - Intel Corporation

Back Button 915GL Datasheet HTML 79Page - Intel Corporation 915GL Datasheet HTML 80Page - Intel Corporation 915GL Datasheet HTML 81Page - Intel Corporation 915GL Datasheet HTML 82Page - Intel Corporation 915GL Datasheet HTML 83Page - Intel Corporation 915GL Datasheet HTML 84Page - Intel Corporation 915GL Datasheet HTML 85Page - Intel Corporation 915GL Datasheet HTML 86Page - Intel Corporation 915GL Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
83
4.1.20
PAM2—Programmable Attribute Map 2 (D0:F0)
PCI Device:
0
Address Offset:
92h
Default Value:
00h
Access:
R/W
Size:
8 bits
This register controls the read, write, and shadowing attributes of the BIOS areas from 0C8000h–
0CFFFFh.
Bit
Access &
Default
Description
7:6
Reserved
5:4
R/W
00b
0CC000h–0CFFFFh Attribute (HIENABLE):
00 = DRAM Disabled: Accesses are directed to the DMI.
01 = Read Only: All reads are serviced by DRAM. All writes are forwarded to the DMI.
10 = Write Only: All writes are sent to DRAM. Reads are serviced by DMI.
11 = Normal DRAM Operation: All reads and writes are serviced by DRAM.
3:2
Reserved
1:0
R/W
00b
0C8000h–0CBFFFh Attribute (LOENABLE): This field controls the steering of read
and write cycles that address the BIOS area from 0C8000h to 0CBFFFh.
00 = DRAM Disabled: Accesses are directed to the DMI.
01 = Read Only: All reads are serviced by DRAM. All writes are forwarded to the DMI.
10 = Write Only: All writes are sent to DRAM. Reads are serviced by DMI.
11 = Normal DRAM Operation: All reads and writes are serviced by DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com