Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000 Datasheet(PDF) 100 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 100 Page - Intel Corporation

Back Button 5000 Datasheet HTML 96Page - Intel Corporation 5000 Datasheet HTML 97Page - Intel Corporation 5000 Datasheet HTML 98Page - Intel Corporation 5000 Datasheet HTML 99Page - Intel Corporation 5000 Datasheet HTML 100Page - Intel Corporation 5000 Datasheet HTML 101Page - Intel Corporation 5000 Datasheet HTML 102Page - Intel Corporation 5000 Datasheet HTML 103Page - Intel Corporation 5000 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Boxed Processor Specifications
100
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
The fan power header on the baseboard must be positioned to allow the fan heat sink
power cable to reach it. The fan power header identification and location must be
documented in the suppliers platform documentation, or on the baseboard itself. The
baseboard fan power header should be positioned within 177.8 mm [7 in.] from the
center of the processor socket.
8.3.2
Boxed Processor Cooling Requirements
As previously stated the boxed processor will be available in two product
configurations. Each configuration will require unique design considerations. Meeting
the processor’s temperature specifications is also the function of the thermal design of
the entire system, and ultimately the responsibility of the system integrator. The
processor temperature specifications are found in Chapter 6, “Thermal Specifications”
of this document.
Table 8-1.
PWM Fan Frequency Specifications for 4-Pin Active CEK Thermal Solution
Description
Min Frequency
Nominal Frequency
Max Frequency
Unit
PWM Control
Frequency Range
21,000
25,000
28,000
Hz
Table 8-2.
Fan Specifications for 4-pin Active CEK Thermal Solution
Description
Min
Typ
Steady
Max
Steady
Max
Startup
Unit
+12 V: 12 volt fan power supply
10.8
12
12
13.2
V
IC: Fan Current Draw
N/A
1
1.25
1.5
A
SENSE: SENSE frequency
2
2
2
2
Pulses per fan
revolution
Figure 8-11. Fan Cable Connector Pin Out for 4-Pin Active CEK Thermal Solution
Table 8-3.
Fan Cable Connector Pin Out for 4-Pin Active CEK Thermal Solution
Pin Number
Signal
Color
1
Ground
Black
2
Power: (+12 V)
Yellow
3
Sense: 2 pulses per revolution
Green
4
Control: 21 KHz-28 KHz
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com