Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651 Datasheet(PDF) 29 Page - Intel Corporation

Part # 651
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

651 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 651 Datasheet HTML 25Page - Intel Corporation 651 Datasheet HTML 26Page - Intel Corporation 651 Datasheet HTML 27Page - Intel Corporation 651 Datasheet HTML 28Page - Intel Corporation 651 Datasheet HTML 29Page - Intel Corporation 651 Datasheet HTML 30Page - Intel Corporation 651 Datasheet HTML 31Page - Intel Corporation 651 Datasheet HTML 32Page - Intel Corporation 651 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
Datasheet
29
Electrical Specifications
2.7
Clock Specifications
2.7.1
Front Side Bus Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the Pentium 4 processor core
frequency is a multiple of the BCLK[1:0] frequency. The processor bus ratio multiplier
will be set at its default ratio during manufacturing. Refer to Table 17 for the processor
supported ratios.
The processor uses a differential clocking implementation. For more information on
processor clocking, contact your Intel representative.
Table 17.
Core Frequency to FSB Multiplier Configuration
Multiplication of System Core
Frequency to FSB Frequency
Core Frequency
(200 MHz BCLK/
800 MHz FSB)
Notes1,2
NOTES:
1. Individual processors operate only at or below the rated frequency.
2. Listed frequencies are not necessarily committed production frequencies.
1/12
2.40 GHz
1/13
2.60 GHz
1/14
2.80 GHz
1/15
3 GHz
1/16
3.20 GHz
1/17
3.40 GHz
1/18
3.60 GHz
1/19
3.80 GHz
1/20
4 GHz
1/21
4.20 GHz
1/22
4.40 GHz
1/23
4.60 GHz
1/24
4.80 GHz
1/25
5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com