Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3000 Datasheet(PDF) 30 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 3000 Datasheet HTML 26Page - Intel Corporation 3000 Datasheet HTML 27Page - Intel Corporation 3000 Datasheet HTML 28Page - Intel Corporation 3000 Datasheet HTML 29Page - Intel Corporation 3000 Datasheet HTML 30Page - Intel Corporation 3000 Datasheet HTML 31Page - Intel Corporation 3000 Datasheet HTML 32Page - Intel Corporation 3000 Datasheet HTML 33Page - Intel Corporation 3000 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
Electrical Specifications
32
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
2.7.9
BCLK[1:0] Specifications (CK410 based Platforms)
Figure 2-5. Differential Clock Crosspoint Specification
Figure 2-6. Differential Measurements
660 670 680 690 700 710 720 730 740 750 760 770 780 790 800 810 820 830 840 850
200
250
300
350
400
450
500
550
600
650
VHavg (mV)
550 mV
300 mV
300 + 0.5 (VHavg - 700)
550 + 0.5 (VHavg - 700)
+150 mV
-150 mV
0.0V
0.0V
Slew_rise
+150mV
-150mV
V_swing
Slew _fall
Diff
Table 2-19. Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
Notes1
VL
Input Low Voltage
-0.150
0.000
N/A
V
2-4
-
VH
Input High Voltage
0.660
0.700
0.850
V
2-4
-
VCROSS(abs)
Absolute Crossing
Point
0.250
N/A
0.550
V
2-4, 2-5
2, 3
VCROSS(rel)
Relative Crossing Point
0.250 +
0.5(VHavg – 0.700)
N/A
0.550 +
0.5(VHavg – 0.700)
V
2-4, 2-5
4, 3, 5
ΔVCROSS
Range of Crossing
Points
N/A
N/A
0.140
V
2-4, 2-5
-
VOS
Overshoot
N/A
N/A
VH + 0.3
V
2-4
6
VUS
Undershoot
-0.300
N/A
N/A
V
2-4
7
VRBM
Ringback Margin
0.200
N/A
N/A
V
2-4
8
VTM
Threshold Region
VCROSS – 0.100
N/A
VCROSS + 0.100
V
2-4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com