Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

430 Datasheet(PDF) 13 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 430 Datasheet HTML 9Page - Intel Corporation 430 Datasheet HTML 10Page - Intel Corporation 430 Datasheet HTML 11Page - Intel Corporation 430 Datasheet HTML 12Page - Intel Corporation 430 Datasheet HTML 13Page - Intel Corporation 430 Datasheet HTML 14Page - Intel Corporation 430 Datasheet HTML 15Page - Intel Corporation 430 Datasheet HTML 16Page - Intel Corporation 430 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Datasheet
13
Electrical Specifications
2
Electrical Specifications
This chapter describes the electrical characteristics of the processor interfaces and
signals. DC electrical characteristics are provided.
2.1
Power and Ground Lands
The processor has VCC (power), VTT and VSS (ground) inputs for on-chip power
distribution. All power lands must be connected to VCC, while all VSS lands must be
connected to a system ground plane. The processor VCC lands must be supplied the
voltage determined by the Voltage IDentification (VID) lands.
The signals denoted as VTT, provide termination for the front side bus and power to the
I/O buffers. A separate supply must be implemented for these lands, that meets the
VTT specifications outlined in Table 5.
2.2
Decoupling Guidelines
Due to its large number of transistors and high internal clock speeds, the processor is
capable of generating large current swings. This may cause voltages on power planes
to sag below their minimum specified values if bulk decoupling is not adequate. Larger
bulk storage (CBULK), such as electrolytic or aluminum-polymer capacitors, supply
current during longer lasting changes in current demand by the component, such as
coming out of an idle condition. Similarly, they act as a storage well for current when
entering an idle condition from a running condition. The motherboard must be designed
to ensure that the voltage provided to the processor remains within the specifications
listed in Table 5. Failure to do so can result in timing violations or reduced lifetime of
the component.
2.2.1
V
CC Decoupling
VCC regulator solutions need to provide sufficient decoupling capacitance to satisfy the
processor voltage specifications. This includes bulk capacitance with low effective series
resistance (ESR) to keep the voltage rail within specifications during large swings in
load current. In addition, ceramic decoupling capacitors are required to filter high
frequency content generated by the front side bus and processor activity. Consult the
Voltage Regulator-Down (VRD) 11 Design Guide For Desktop and Transportable
LGA775 Socket for further information.
2.2.2
V
TT Decoupling
Decoupling must be provided on the motherboard. Decoupling solutions must be sized
to meet the expected load. To ensure compliance with the specifications, various
factors associated with the power delivery solution must be considered including
regulator type, power plane and trace sizing, and component placement. A
conservative decoupling solution would consist of a combination of low ESR bulk
capacitors and high frequency ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com