Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450 Datasheet(PDF) 86 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 450 Datasheet HTML 82Page - Intel Corporation 450 Datasheet HTML 83Page - Intel Corporation 450 Datasheet HTML 84Page - Intel Corporation 450 Datasheet HTML 85Page - Intel Corporation 450 Datasheet HTML 86Page - Intel Corporation 450 Datasheet HTML 87Page - Intel Corporation 450 Datasheet HTML 88Page - Intel Corporation 450 Datasheet HTML 89Page - Intel Corporation 450 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Thermal Specifications and Design Considerations
86
Datasheet
5.4.2
PECI Specifications
5.4.2.1
PECI Device Address
The PECI device address for the socket is 30h. For more information on PECI domains,
refer to the Platform Environment Control Interface Specification.
5.4.2.2
PECI Command Support
PECI command support is covered in detail in the Platform Environment Control
Interface Specification. Refer to this document for details on supported PECI command
function and codes.
5.4.2.3
PECI Fault Handling Requirements
PECI is largely a fault tolerant interface, including noise immunity and error checking
improvements over other comparable industry standard interfaces. The PECI client is
as reliable as the device that it is embedded in, and thus given operating conditions
that fall under the specification, the PECI will always respond to requests and the
protocol itself can be relied upon to detect any transmission failures. There are,
however, certain scenarios where the PECI is know to be unresponsive.
Prior to a power on RESET# and during RESET# assertion, PECI is not ensured to
provide reliable thermal data. System designs should implement a default power-on
condition that ensures proper processor operation during the time frame when reliable
data is not available via PECI.
To protect platforms from potential operational or safety issues due to an abnormal
condition on PECI, the Host controller should take action to protect the system from
possible damaging states. It is recommended that the PECI host controller take
appropriate action to protect the client processor device if valid temperature readings
have not been obtained in response to three consecutive gettemp()s or for a one
second time interval. The host controller may also implement an alert to software in the
event of a critical or continuous fault condition.
5.4.2.4
PECI GetTemp0() Error Code Support
The error codes supported for the processor GetTemp() command are listed in
Table 31.
§
Table 31.
GetTemp0() Error Codes
Error Code
Description
8000h
General sensor error
8002h
Sensor is operational, but has detected a temperature below its operational
range (underflow).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com