Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z550 Datasheet(PDF) 59 Page - Intel Corporation

Part # Z550
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z550 Datasheet(HTML) 59 Page - Intel Corporation

Back Button Z550 Datasheet HTML 55Page - Intel Corporation Z550 Datasheet HTML 56Page - Intel Corporation Z550 Datasheet HTML 57Page - Intel Corporation Z550 Datasheet HTML 58Page - Intel Corporation Z550 Datasheet HTML 59Page - Intel Corporation Z550 Datasheet HTML 60Page - Intel Corporation Z550 Datasheet HTML 61Page - Intel Corporation Z550 Datasheet HTML 62Page - Intel Corporation Z550 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Package Mechanical Specifications and Pin Information
Datasheet
59
Signal Name
Type
Description
FERR#/PBE#
O
FERR# (Floating-point Error) PBE# (Pending Break Event) is a
multiplexed signal and its meaning is qualified with STPCLK#.
When STPCLK# is not asserted, FERR#/PBE# indicates a floating
point when the processor detects an unmasked floating-point
error. FERR# is similar to the ERROR# signal on the Intel 387
coprocessor, and is included for compatibility with systems using
MSDOS*- type floating-point error reporting. When STPCLK# is
asserted, an assertion of FERR#/PBE# indicates that the
processor has a pending break event waiting for service. The
assertion of FERR#/PBE# indicates that the processor should be
returned to the Normal state. When FERR#/PBE# is asserted,
indicating a break event, it will remain asserted until STPCLK# is
de-asserted. Assertion of PREQ# when STPCLK# is active will
also cause an FERR# break event.
For additional information on the pending break event
functionality, including identification of support of the feature and
enable/disable information, refer to Volume 3 of the Intel® 64
and IA-32 Architectures Software Developer's Manuals and the
Intel® Processor Identification and CPUID Instruction Application
Note.
CMREF
PWR
CMREF determines the signal reference level for CMOS input
pins. CMREF should be set at 1/2 VCCP. CMREF is used by the
CMOS receivers to determine if a signal is a logical 0 or logical 1.
If not using CMOS, then all CMREF and GTLREF should be
provided with 2/3 VCCP.
GTLREF
PWR
GTLREF determines the signal reference level for AGTL+ input
pins. GTLREF should be set at 2/3 VCCP. GTLREF is used by the
AGTL+ receivers to determine if a signal is a logical 0 or logical
HIT#
HITM#
I/O
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction
snoop operation results. Either FSB agent may assert both HIT#
and HITM# together to indicate that it requires a snoop stall,
which can be continued by reasserting HIT# and HITM#
together.
IERR#
O
IERR# (Internal Error) is asserted by a processor as the result of
an internal error. Assertion of IERR# is usually accompanied by a
SHUTDOWN transaction on the FSB. This transaction may
optionally be converted to an external error signal (for example,
NMI) by system core logic. The processor will keep IERR#
asserted until the assertion of RESET# or INIT#.
IGNNE#
I
IGNNE# (Ignore Numeric Error) is asserted to force the
processor to ignore a numeric error and continue to execute non-
control floating-point instructions. If IGNNE# is de-asserted, the
processor generates an exception on a non-control floating-point
instruction if a previous floating-point instruction caused an
error. IGNNE# has no effect when the NE bit in control register 0
(CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure
recognition of this signal following an Input/Output write
instruction, it must be valid along with the TRDY# assertion of
the corresponding Input/Output Write bus transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com