Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10SQ030 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 10SQ030
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

10SQ030 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  10SQ030 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 10SQ030 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
10
8
6
4
2
0
100
100
10
10
1
0.01
0.1
1000
100
10
0.1
1
360
300
240
180
120
60
0
1
2
5
10
20
50
100
0
20
50
75
100
125
150
175
TJ=100℃
TJ=50℃
TJ=25℃
0.1
1
4
10
100
0.2 0.3
0.4 0.5 0.6
0.7
0.8 0.9 1.0 1.2
8.3Single Half-Sine-Wave
(JEDEC METOD)
TJ=25℃ ,f=1MHZ
10SQ030 to 10SQ045
10SQ080 to10SQ100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
10SQ050 to10SQ060
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
20
50
75
100
125
150
175
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FIG.3-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
REVERSE VOLTAGE VOLTS
REVERSE VOLTAGE -30 to 100Volts
FORWARD CURRENT -10.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
10SQ030 thru 10SQ100
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com