Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-P11VT Datasheet(PDF) 2 Page - Rohm

Part # SML-P11VT
Description  Low Current Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P11VT Datasheet(HTML) 2 Page - Rohm

  SML-P11VT Datasheet HTML 1Page - Rohm SML-P11VT Datasheet HTML 2Page - Rohm SML-P11VT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FORWARD VOLTAGE : VF
(V)
20
10
0
0
-10
10 20
-20
30
-30
40
-40
50
70 80
60
90
30
AMBIENT TEMPERATURE : Ta
(
°C)
CASE TEMPERATURE : Tc
(
°C)
PULSE DURATION : Tw
(µs)
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
-40 -30
-10
20
010
30
50 60 70 80 90 100
1.6
IF=20mA
1
1
10
5
10
100
1000
10000
SML-P11YT
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
SML-P11YT
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
SML-P11YT
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
SML-P11YT
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
SML-P11YT
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
0.1
1.0
10.0
100.0
1.5
2.0
2.5
Ta=25
°C
Electrical Characteristic Curves
Forward Current - Forward Voltage
Derating
Relative Luminous Intensity - Forward Current
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
FORWARD CURRENT : IF
(mA)
0
20
40
60
80
100
120
0
5
10
15
20
Ta=25
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com