Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF18 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SF18
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF18 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SF18 Datasheet HTML 1Page - EIC discrete Semiconductors SF18 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SF11 - SF19 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 04 : March 25, 2005
SF15 - SF17
SF11- SF14
60Hz RESISTIVE OR INDUCTIVE LOAD
0.8
0.6
0.4
0.2
1.0
100
10
1.0
24
0
30
0
18
12
6.0
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
+ 0.5 A
0
- 0.25 A
- 1.0 A
Trr
1 cm
SET TIME BASE FOR 15 ns/cm
50 Vdc
(approx)
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
Ω
50
Ω
10
Ω
PULSE
GENERATOR
( NOTE 2 )
SF18 - SF19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com