Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD112T4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJD112T4
Description  Complementary power Darlington transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD112T4 Datasheet(HTML) 2 Page - STMicroelectronics

  MJD112T4 Datasheet HTML 1Page - STMicroelectronics MJD112T4 Datasheet HTML 2Page - STMicroelectronics MJD112T4 Datasheet HTML 3Page - STMicroelectronics MJD112T4 Datasheet HTML 4Page - STMicroelectronics MJD112T4 Datasheet HTML 5Page - STMicroelectronics MJD112T4 Datasheet HTML 6Page - STMicroelectronics MJD112T4 Datasheet HTML 7Page - STMicroelectronics MJD112T4 Datasheet HTML 8Page - STMicroelectronics MJD112T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute maximum ratings
MJD112, MJD117
2/10
Doc ID 3540 Rev 3
1
Absolute maximum ratings
Note:
For PNP types voltage and current values are negative.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
100
V
VCEO
Collector-emitter voltage (IB = 0)
VEBO
Emitter-base voltage (IC = 0)
5
V
IC
Collector current
2
A
ICM
Collector peak current
4
A
IB
Base current
0.05
A
PTOT
Total dissipation at Tcase = 25 °C
20
W
TSTG
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case max.
6.25
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com