Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD117T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD117T4
Description  Complementary power Darlington transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD117T4 Datasheet(HTML) 1 Page - STMicroelectronics

  MJD117T4 Datasheet HTML 1Page - STMicroelectronics MJD117T4 Datasheet HTML 2Page - STMicroelectronics MJD117T4 Datasheet HTML 3Page - STMicroelectronics MJD117T4 Datasheet HTML 4Page - STMicroelectronics MJD117T4 Datasheet HTML 5Page - STMicroelectronics MJD117T4 Datasheet HTML 6Page - STMicroelectronics MJD117T4 Datasheet HTML 7Page - STMicroelectronics MJD117T4 Datasheet HTML 8Page - STMicroelectronics MJD117T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2010
Doc ID 3540 Rev 3
1/10
10
MJD112
MJD117
Complementary power Darlington transistors
Features
■ Good hFE linearity
■ High fT frequency
■ Monolithic Darlington configuration with
integrated antiparallel collector-emitter diode
Application
■ Linear and switching industrial equipment
Description
The devices are manufactured in planar
technology with “base island” layout and
monolithic Darlington configuration.
.
Figure 1.
Internal schematic diagram
TO-252
1
3
TAB
(DPAK)
R1 typ. = 15 kΩ
R2 typ. = 100 Ω
Table 1.
Device summary
Order codes
Marking
Polarity
Package
Packaging
MJD112T4
MJD112
NPN
DPAK
Tape and reel
MJD117T4
MJD117
PNP
DPAK
Tape and reel
www.st.com


Similar Part No. - MJD117T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD117T4 ONSEMI-MJD117T4 Datasheet
147Kb / 8P
Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
MJD117T4 ONSEMI-MJD117T4 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
MJD117T4G ONSEMI-MJD117T4G Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
MJD117T4G ONSEMI-MJD117T4G Datasheet
144Kb / 8P
Complementary Darlington Power Transistors
March, 2011 ??Rev. 9
MJD117T4G ONSEMI-MJD117T4G Datasheet
207Kb / 11P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results

Similar Description - MJD117T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
Complementary power Darlington transistors
02-Dec-2009
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
Complementary power Darlington transistors
12-May-2010
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
Complementary power Darlington transistors
08-Mar-2010
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
Complementary power Darlington transistors
07-Apr-2010
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com