Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # S2D
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S2D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  S2D Datasheet HTML 1Page - EIC discrete Semiconductors S2D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A ~ S2M
SURFACE MOUNT RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Indicated by cathode band
* Mounting position : Any
* Weight : 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNIT
Maximum Repetitive Peak Reverse VoltageVRRM
50
100
200
400
600
800
1000V
Maximum RMS VoltageVRMS
35
70
140
280
420
560
700V
Maximum DC Blocking VoltageVDC
50
100
200
400
600
800
1000V
Maximum Average Forward Current (See fig. 1)IF
1.5A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method) TL = 100
°C
Maximum Instantaneous Forward Voltage at IF = 1.5 A.VF
1.15V
Maximum DC Reverse Current
Ta = 25
°C
IR
µA
at rated DC Blocking Voltage
Ta = 125
°C
IR(H)
125
µA
Typical Reverse Recovery Time (Note 1)
Trr
2.0
µs
R
θJA
°C/W
R
θJL
°C/W
Typical Junction Capacitance at 4.0V, 1 MHz (Note 3)CJ
30
pF
Junction Temperature RangeTJ
- 55 to + 150
°C
Storage Temperature RangeTSTG
- 55 to + 150
°C
Notes :
(1) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
(3) Mesured at 1.0 Mhz and applied Vr=4.0 volts
Page 1 of 2
Rev. 02 : March 25, 2005
A
Typical thermal resistance (Note 2)
RATING
IFSM
50
1.0
100
20
0.22
0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
Dimensions in millimeter
1.1
0.3
±
±
* Pb / RoHS Free


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2D SURGE-S2D Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2D TRSYS-S2D Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2D JGD-S2D Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2D SSE-S2D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com