Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9552PCBZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9552PCBZ Datasheet HTML 1Page - Analog Devices AD9552PCBZ Datasheet HTML 2Page - Analog Devices AD9552PCBZ Datasheet HTML 3Page - Analog Devices AD9552PCBZ Datasheet HTML 4Page - Analog Devices AD9552PCBZ Datasheet HTML 5Page - Analog Devices AD9552PCBZ Datasheet HTML 6Page - Analog Devices AD9552PCBZ Datasheet HTML 7Page - Analog Devices AD9552PCBZ Datasheet HTML 8Page - Analog Devices AD9552PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9552
Rev. C | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Capacitance
3
pF
Input Resistance
130
Duty Cycle
40
60
%
Input Voltage
Input High Voltage, VIH
0.52
V
Input Low Voltage, VIL
1.62
V
Input Threshold Voltage
1.0
V
When ac coupling to the input receiver, the user must dc bias the input
to 1 V
VCO CHARACTERISTICS
Frequency Range
Upper Bound
4050
MHz
Lower Bound
3350
MHz
VCO Gain
45
MHz/V
VCO Tracking Range
±300
ppm
VCO Calibration Time
140
μs
fPFD7 = 77.76 MHz; time between completion of the VCO calibration
command (the rising edge of CS (Pin 12)) to the rising edge of LOCKED
(Pin 20).
1 The A[2:0], Y[5:0], and OUTSEL pins have 100 kΩ internal pull-up resistors.
2 The RESET pin has a 100 kΩ internal pull-up resistor, so the default state of the device is reset.
3 N is the integer part of the feedback divider.
4 Sigma-delta modulator.
5 The minimum allowable feedback divider value with the SDM disabled.
6 The minimum allowable feedback divider value with the SDM enabled.
7 The frequency at the input to the phase-frequency detector.
CRYSTAL INPUT CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CRYSTAL FREQUENCY
Range
10
26
52
MHz
Tolerance
20
ppm
CRYSTAL MOTIONAL RESISTANCE
100
Ω
CRYSTAL LOAD CAPACITANCE
15
pF
Using a crystal with a specified load capacitance other than
15 pF (8 pF to 24 pF) is possible, but necessitates using the
SPI port to configure the AD9552 crystal input capacitance.
OUTPUT CHARACTERISTICS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Differential Output Voltage Swing
690
765
889
mV
Output driver static
Common-Mode Output Voltage
VDD − 1.77
VDD − 1.66
VDD − 1.20
V
Output driver static
Frequency Range
0
900
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
255
305
ps
100 Ω termination between both pins of
the output driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com