Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNN3NV04 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNN3NV04
Description  OMNIFET II fully autoprotected Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNN3NV04 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNN3NV04_09 Datasheet HTML 5Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 6Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 7Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 8Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 9Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 10Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 11Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 12Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VNN3NV04, VNS3NV04, VND3NV04, VND3NV04-1
Protection features
Doc ID 7382 Rev 2
9/26
3
Protection features
During normal operation, the input pin is electrically connected to the gate of the internal
Power MOSFET through a low impedance path.
The device then behaves like a standard Power MOSFET and can be used as a switch from
DC up to 50 kHz. The only difference from the user’s standpoint is that a small DC current
IISS (typ. 100µA) flows into the input pin in order to supply the internal circuitry.
The device integrates:
●
Overvoltage clamp protection: internally set at 45 V, along with the rugged avalanche
characteristics of the Power MOSFET stage give this device unrivalled ruggedness and
energy handling capability. This feature is mainly important when driving inductive
loads.
●
Linear current limiter circuit: limits the drain current ID to Ilim whatever the input pin
voltages. When the current limiter is active, the device operates in the linear region, so
power dissipation may exceed the capability of the heatsink. Both case and junction
temperatures increase, and if this phase lasts long enough, junction temperature may
reach the over temperature threshold Tjsh.
●
Over temperature and short circuit protection: these are based on sensing the chip
temperature and are not dependent on the input voltage. The location of the sensing
element on the chip in the power stage area ensures fast, accurate detection of the
junction temperature. Over temperature cutout occurs in the range 150 to 190 °C, a
typical value being 170 °C. The device is automatically restarted when the chip
temperature falls of about 15 °C below shutdown temperature.
●
Status feedback: in the case of an over temperature fault condition (Tj > Tjsh), the
device tries to sink a diagnostic current Igf through the input pin in order to indicate fault
condition. If driven from a low impedance source, this current may be used in order to
warn the control circuit of a device shutdown. If the drive impedance is high enough so
that the input pin driver is not able to supply the current Igf, the input pin will fall to 0 V.
This will not however affect the device operation: no requirement is put on the current
capability of the input pin driver except to be able to supply the normal operation drive
current IISS.
Additional features of this device are ESD protection according to the Human Body model
and the ability to be driven from a TTL logic circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com