Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-RMN6TG/G Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95080-RMN6TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6TG/G Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95080-RMN6TG/G Datasheet HTML 42Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 43Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 44Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 45Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 46Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 47Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 48Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 49Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Part numbering
M95160-x, M95080-x
46/50
Doc ID 8028 Rev 10
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 33.
Available M95160 products (package, voltage range, temperature grade)
Package
M95160
4.5 V to 5.5 V
M95160-W
2.5 V to 5.5 V
M95160-R
1.8 V to 5.5 V
M95160-F
1.7 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
Range 6
NA(1)
TSSOP (DW)
NA(1)
1.
NA = Not available
Range 6
Range3
Range 6
Range 6
MLP 2 x 3 mm (MB)
NA(1)
NA(1)
Range 6
NA(1)
WLCSP (CS)
NA(1)
NA(1)
Range 6
Range 6
Table 34.
Available M95080 products (package, voltage range, temperature grade)
Package
M95080
4.5 V to 5.5 V
M95080-W
2.5 V to 5.5 V
M95080-R
1.8 V to 5.5 V
SO8 (MN)
Range 6
Range3
Range 6
Range3
Range 6
TSSOP (DW)
NA(1)
1.
NA = Not available
Range 6
Range3
Range 6
MLP 2 x 3mm (MB)
NA(1)
Range 6
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com