Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10339F Datasheet(PDF) 9 Page - Rohm

Part # BA10339F
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10339F Datasheet(HTML) 9 Page - Rohm

Back Button BA10339F Datasheet HTML 5Page - Rohm BA10339F Datasheet HTML 6Page - Rohm BA10339F Datasheet HTML 7Page - Rohm BA10339F Datasheet HTML 8Page - Rohm BA10339F Datasheet HTML 9Page - Rohm BA10339F Datasheet HTML 10Page - Rohm BA10339F Datasheet HTML 11Page - Rohm BA10339F Datasheet HTML 12Page - Rohm BA10339F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
9/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125
150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10
203040
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERTURE [℃]
.
0
50
100
150
200
0
10
203040
SUPPLY VOLTAGE [V]
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
1012
1416
1820
OUTPUT SINK CURRENT [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
40
SUPPLY VOLTAGE [V]
0
10
20
30
40
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
010
20
30
40
SUPPLY VOLTAGE [V]
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100 125
150
AMBIENT TEMPERATURE [℃]
AMBIENT TEMPERATURE [℃]
○BA2903S/BA2903 family,BA2903HFVM-C
(*)The data above is ability value of sample, it is not guaranteed.
Supply Current - Ambient Temperature
25℃
125℃
-40℃
2V
36V
5V
BA2903F
BA2903FVM
BA2903FV
2V
36V
5V
-40℃
25℃
125℃
-40℃
25℃
125℃
2V
5V
36V
36V
5V
2V
-40℃
25℃
125℃
125℃
25℃
-40℃
2V
5V
BA2903S/BA2903 family,BA2903H
105℃
105℃
105℃
105℃
105℃
36V
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903SFV
BA2903SFVM
105
BA2903HFVM
BA2903SF
Input Offset Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Input Offset Voltage - Supply Voltage
Output Voltage
– Output Sink Current(VCC=5[V])
Maximum Output Voltage
– Ambient Temperature(IOL=4[mA])
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Maximum Output Voltage
– Supply Voltage(IOL=4[mA])
Supply Current - Supply Voltage
Derating Curve
AMBIENT TEMPERATURE[℃]
-40℃
25℃
125℃
105℃
0
20
40
60
80
100
120
140
160
0
1020
3040
SUPPLY VOLTAGE [V]
BA2903S/BA2903 family,BA2903H
-40℃
25℃
125℃
105℃
nput Bias Current – Supply Voltage
Fig. 41
Fig. 42
Fig. 43
Fig. 44
Fig. 45
Fig. 46
Fig. 47
Fig. 48
Fig. 49
Fig. 50
Fig. 51
Fig. 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com