Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

571 Datasheet(PDF) 92 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 92 Page - Intel Corporation

Back Button 571 Datasheet HTML 88Page - Intel Corporation 571 Datasheet HTML 89Page - Intel Corporation 571 Datasheet HTML 90Page - Intel Corporation 571 Datasheet HTML 91Page - Intel Corporation 571 Datasheet HTML 92Page - Intel Corporation 571 Datasheet HTML 93Page - Intel Corporation 571 Datasheet HTML 94Page - Intel Corporation 571 Datasheet HTML 95Page - Intel Corporation 571 Datasheet HTML 96Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
92
Datasheet
Boxed Processor Specifications
The fan heatsink outputs a SENSE signal that is an open-collector output that pulses at a rate of
2 pulses per fan revolution. A baseboard pull-up resistor provides VOH to match the system board-
mounted fan speed monitor requirements, if applicable. Use of the SENSE signal is optional. If the
SENSE signal is not used, pin 3 of the connector should be tied to GND.
The fan heatsink receives a PWM signal from the motherboard from the 4th pin of the connector
labeled as CONTROL.
The boxed processor's fan heatsink requires a constant +12 V supplied to pin 2 and does not
support variable voltage control or 3-pin PWM control.
The power header on the baseboard must be positioned to allow the fan heatsink power cable to
reach it. The power header identification and location should be documented in the platform
documentation, or on the system board itself. Figure 7-6 shows the location of the fan power
connector relative to the processor socket. The baseboard power header should be positioned
within 110 mm [4.33 inches] from the center of the processor socket.
Figure 7-5. Boxed Processor Fan Heatsink Power Cable Connector Description
Table 7-1. Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
10.2
12
13.8
V
-
IC:
Peak Fan current draw
Fan start-up current draw
Fan start-up current draw maximum duration
—
1.1
—
—
1.5
2.2
1.0
A
A
Second
-
SENSE: SENSE frequency
—
2
—
pulses per fan
revolution
1
NOTES:
1.
Baseboard should pull this pin up to 5V with a resistor.
CONTROL
21
25
28
kHz
2, 3
2.
Open drain type, pulse width modulated.
3.
Fan will have pull-up resistor to 4.75 V maximum of 5.25 V.
Boxed_Proc_PwrCable
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com