Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

373 Datasheet(PDF) 64 Page - Intel Corporation

Part # 373
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

373 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 373 Datasheet HTML 60Page - Intel Corporation 373 Datasheet HTML 61Page - Intel Corporation 373 Datasheet HTML 62Page - Intel Corporation 373 Datasheet HTML 63Page - Intel Corporation 373 Datasheet HTML 64Page - Intel Corporation 373 Datasheet HTML 65Page - Intel Corporation 373 Datasheet HTML 66Page - Intel Corporation 373 Datasheet HTML 67Page - Intel Corporation 373 Datasheet HTML 68Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Thermal Specifications and Design Considerations
64
Datasheet
Table 17.
Power Specifications for the Celeron M Processor (Sheet 1 of 2)
Symbol
Processor
Number
Core Frequency
& Voltage
Thermal Design Power
Unit
Notes
TDP
390
1.7 GHz & VCC2
27
W
At 100°C,
Notes 1,
4,5,6
380
1.6 GHz & VCC2
21
370
1.5 GHz & VCC2
21
360J
1.4 GHz & VCC2
21
360
1.4 GHz & 1.260 V
21
350J
1.3 GHz & VCC2
21
350
1.3 GHz & 1.260 V
21
383
1.1 GHz & VCC3
5.5
373
1.0 GHz & VCC3
5.5
353
900 MHz & 0.940 V
5.0
Symbol
Processor
Number
Parameter
Min
Typ
Max
Unit
Notes
PAH,
PSGNT
Auto Halt, Stop Grant
Power at:
W
At 50°C,
Note 2,5,6
390
VCC2
11.6
380
VCC2
11.6
370
VCC2
11.6
360J
VCC2
11.6
360
1.260 V
11.6
350J
VCC2
11.6
350
1.260 V
11.6
383
VCC3
1.9
373
VCC3
1.9
353
0.940 V
1.9
PSLP
Sleep Power at:
W
At 50°C,
Note 2,5,6
390
VCC2
11.3
380
VCC2
11.3
370
VCC2
11.3
360J
VCC2
11.3
360
1.260 V
11.3
350J
VCC2
11.3
350
1.260 V
11.3
383
VCC3
1.8
373
VCC3
1.8
353
0.940 V
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com