Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7600 Datasheet(PDF) 21 Page - Intel Corporation

Part # T7600
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7600 Datasheet(HTML) 21 Page - Intel Corporation

Back Button T7600 Datasheet HTML 17Page - Intel Corporation T7600 Datasheet HTML 18Page - Intel Corporation T7600 Datasheet HTML 19Page - Intel Corporation T7600 Datasheet HTML 20Page - Intel Corporation T7600 Datasheet HTML 21Page - Intel Corporation T7600 Datasheet HTML 22Page - Intel Corporation T7600 Datasheet HTML 23Page - Intel Corporation T7600 Datasheet HTML 24Page - Intel Corporation T7600 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Datasheet
21
Electrical Specifications
3
Electrical Specifications
3.1
Power and Ground Pins
For clean, on-chip power distribution, the processor will have a large number of V
CC
(power) and VSS (ground) inputs. All power pins must be connected to VCC power planes
while all VSS pins must be connected to system ground planes. Use of multiple power
and ground planes is recommended to reduce I*R drop. Please contact your Intel
representative for more details. The processor VCC pins must be supplied the voltage
determined by the VID (Voltage ID) pins.
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the core frequency is a multiple of the
BCLK[1:0] frequency. The processor uses a differential clocking implementation.
3.3
Voltage Identification
The processor uses seven voltage identification pins, VID[6:0], to support automatic
selection of power supply voltages. The VID pins for processor are CMOS outputs
driven by the processor VID circuitry. Table 2 specifies the voltage level corresponding
to the state of VID[6:0]. A 1 in this refers to a high-voltage level and a 0 refers to low-
voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com