Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 1 Page - Linear Technology

  LTM4627 Datasheet HTML 1Page - Linear Technology LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4627
1
4627f
TYPICAL APPLICATION
DESCRIPTION
15A DC/DC µModule
Regulator
The LTM®4627 is a complete 15A output high efficiency
switch mode DC/DC power supply. Included in the pack-
age are the switching controller, power FETs, inductor and
compensationcomponents.Operatingoveraninputvoltage
range from 4.5V to 20V, the LTM4627 supports an output
voltage range of 0.6V to 5V, set by a single external resistor.
Only a few input and output capacitors are needed.
Current mode operation allows precision current sharing
of up to four LTM4627 regulators to obtain 60A output.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, multiphase/current sharing
operation, Burst Mode operation and output voltage track-
ing for supply rail sequencing.
The LTM4627 is offered in a thermally enhanced 15mm
×
15mm
× 4.32mm LGA package. The LTM4627 is PB-free
and RoHS compliant.
L, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode and μModule are registered
trademarks of Linear Technology Corporation. PolyPhase is a registered trademark of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611, 6677210.
1.2V, 15A DC/DC μModule
® Regulator
FEATURES
APPLICATIONS
n Complete 15A Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 20V
n 0.6V to 5V Output Range
n ±1.5% Total DC Output Error (–40°C to 125°C)
n Differential Remote Sense Amplifier for Precision
Regulation
n Current Mode Control/ Fast Transient Response
n Frequency Synchronization
n Parallel Current Sharing (Up to 60A)
n Selectable Pulse-Skipping or Burst Mode® Operation
n Soft-Start/Voltage Tracking
n Up to 93% Efficiency (12VIN, 3.3VOUT)
n Overcurrent Foldback Protection
n Output Overvoltage Protection
n Small Surface Mount Footprint, Low Profile
15mm
× 15mm × 4.32mm LGA Package
n Telecom Servers and Networking Equipment
n ATCA and Storage Cards
n Industrial Equipment
n Medical Systems
Efficiency vs Load Current
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS
+
VOSNS
–
VFB
LTM4627
VIN
10k
RFB**
60.4k
100k
22μF
16V
×3
82pF
0.1μF
470μF
6.3V
100μF*
6.3V
VOUT
1.2V
15A
INTVCC
EXTVCC
* SEE TABLE 4
** SEE TABLE 1
4627 TA01a
VIN
4.5V TO 16V
SGND
GND
150pF
+
LOAD CURRENT (A)
0
50
55
65
70
75
85
4
8
10
4627 TA01b
60
90
95
80
26
12
14
16
12VIN, 1.2VOUT
5VIN, 1.2VOUT


Similar Part No. - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4627 LINER-LTM4627 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4627 LINER-LTM4627 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
More results

Similar Description - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4611 LINER-LTM4611_15 Datasheet
487Kb / 30P
Ultralow VIN, 15A DC/DC Module Regulator
LTM4627 LINER-LTM4627_15 Datasheet
574Kb / 32P
15A DC/DC Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com