Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8031 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 5 Page - Linear Technology

  LTM8031 Datasheet HTML 1Page - Linear Technology LTM8031 Datasheet HTML 2Page - Linear Technology LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8031
5
8031fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Current vs Input Voltage
(Output Shorted)
Input Current vs Input Voltage
(Output Shorted)
Temperature Rise vs
Load Current, VOUT = 3.3V
Temperature Rise vs
Load Current, VOUT = 5V
Temperature Rise vs
Load Current, VOUT = 8V
Minimum VIN vs Output Current
8V VOUT
Minimum Input Running Voltage
vs Output Voltage, IOUT = 1A
Bias Current vs Output Current
TA = 25°C, unless otherwise noted.
Temperature Rise vs
Load Current, VOUT = 10V
OUTPUT CURRENT (mA)
0
7
8
9
600
1000
8031 G10
6
5
4
200
400
800
10
11
12
RUN/SS = VIN
RUNNING OR RUN/SS TOGGLED
VOUT (V)
0
6
8
10
6
10
8031 G11
4
2
0
24
8
12
14
16
OUTPUT CURRENT (mA)
0
25
30
35
800
8031 G12
20
15
200
400
600
1000
10
5
0
8VOUT
5VOUT
3.3VOUT
VIN (V)
0
2.55
2.60
2.65
32
8031 G13
2.50
2.45
2.35
8
16
24
436
12
20
28
2.40
2.75
2.70
VIN (V)
0
0.8
1.0
1.4
30
8031 G14
0.6
0.4
10
20
40
0.2
0
1.2
OUTPUT CURRENT (mA)
0
0
5
10
15
20
25
30
200
400
600
800
8031 G15
1000
36VIN
24VIN
12VIN
5VIN
OUTPUT CURRENT (mA)
1
0
5
10
15
20
25
30
200
400
600
800
8031 G16
1000
36VIN
24VIN
12VIN
OUTPUT CURRENT (mA)
1
0
5
10
15
20
25
30
200
400
600
800
8031 G17
1000
36VIN
24VIN
12VIN
OUTPUT CURRENT (mA)
1
0
5
10
15
20
25
30
200
400
600
800
8031 G18
1000
36VIN
24VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com