Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8031IVPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8031IVPBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031IVPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8031IVPBF Datasheet HTML 2Page - Linear Technology LTM8031IVPBF Datasheet HTML 3Page - Linear Technology LTM8031IVPBF Datasheet HTML 4Page - Linear Technology LTM8031IVPBF Datasheet HTML 5Page - Linear Technology LTM8031IVPBF Datasheet HTML 6Page - Linear Technology LTM8031IVPBF Datasheet HTML 7Page - Linear Technology LTM8031IVPBF Datasheet HTML 8Page - Linear Technology LTM8031IVPBF Datasheet HTML 9Page - Linear Technology LTM8031IVPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8031
6
8031fa
TYPICAL PERFORMANCE CHARACTERISTICS
Radiated Emissions
Radiated Emissions
TA = 25°C, unless otherwise noted.
PIN FUNCTIONS
VIN (Bank 3): The VIN pin supplies current to the LTM8031’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor of at least 1μF.
FIN (K3, L3): Filtered Input. This is the node after the input
EMI filter. Use this only if there is a need to modify the
behavior of the integrated EMI filter or if VIN rises or falls
rapidly; otherwise, leave these pins unconnected. See the
Applications Information section for more details.
GND (Bank 2): Tie these GND pins to a local ground plane
below the LTM8031 and the circuit components. Return
the feedback divider (RADJ) to this net.
VOUT (Bank 1): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
AUX (Pin H5): Low Current Voltage Source for BIAS. In
many designs, the BIAS pin is simply connected to VOUT.
The AUX pin is internally connected to VOUT and is placed
adjacent to the BIAS pin to ease printed circuit board rout-
ing. Although this pin is internally connected to VOUT, do
not connect this pin to the load. If this pin is not tied to
BIAS, leave it floating.
BIAS (Pin H4): The BIAS pin connects to the internal power
bus. Connect to a power source greater than 2.8V. If the
output is greater than 2.8V, connect this pin to AUX. If the
output voltage is less, connect this to a voltage source
between 2.8V and 25V. Also, make sure that BIAS + VIN
is less than 56V.
RUN/SS (Pin L5): Pull RUN/SS pin to less than 0.2V to
shut down the LTM8031. Tie to 2.5V or more for normal
operation. If the shutdown feature is not used, tie this pin
to the VIN pin. RUN/SS also provides a soft-start function;
see the Applications Information section.
RT (Pin G7): The RT pin is used to program the switching
frequency of the LTM8031 by connecting a resistor from
this pin to ground. The Applications Information section of
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
SHARE (Pin H7): Tie this to the SHARE pin of another
LTM8031 when paralleling the outputs.
FREQUENCY (MHz)
0
50
70
90
VIN = 36V
VOUT = 10V AT 1A
800
8031 G19
30
10
40
60
80
20
0
–10
200
100
400
300
600 700
900
500
1000
EN55022
CLASS B
LIMIT
FREQUENCY (MHz)
0
50
70
90
VIN = 36V
VOUT = 2.5V AT 1A
800
8031 G20
30
10
40
60
80
20
0
–10
200
100
400
300
600 700
900
500
1000
EN55022
CLASS B
LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com