Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D915GAV Datasheet(PDF) 13 Page - Intel Corporation

Part # D915GAV
Description  Intel Desktop Boards Technical Product Specification
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D915GAV Datasheet(HTML) 13 Page - Intel Corporation

Back Button D915GAV Datasheet HTML 9Page - Intel Corporation D915GAV Datasheet HTML 10Page - Intel Corporation D915GAV Datasheet HTML 11Page - Intel Corporation D915GAV Datasheet HTML 12Page - Intel Corporation D915GAV Datasheet HTML 13Page - Intel Corporation D915GAV Datasheet HTML 14Page - Intel Corporation D915GAV Datasheet HTML 15Page - Intel Corporation D915GAV Datasheet HTML 16Page - Intel Corporation D915GAV Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
Product Description
13
Table 2.
Feature Summary (continued)
Expansion
Capabilities
• PCI Conventional bus connectors (four on the D915GAV; two on the D915GAG)
• PCI Express x1 bus add-in card connectors (two on the D915GAV; one on the
D915GAG)
• One PCI Express x16 bus add-in card connector (both boards)
Instantly Available
PC Technology
• Support for PCI Local Bus Specification Revision 2.2
• Support for PCI Express Revision 1.0a
• Suspend to RAM support
• Wake on PCI, RS-232, front panel, PS/2 devices, and USB ports
Hardware Monitor
Subsystem
• Hardware monitoring and fan control ASIC
• Voltage sense to detect out of range power supply voltages
• Thermal sense to detect out of range thermal values
• Three fan connectors
• Three fan sense inputs used to monitor fan activity
• Fan speed control
1.3.2
Manufacturing Options
Table 3 describes the manufacturing options on the Desktop Boards D915GAV and D915GAG.
Not every manufacturing option is available in all marketing channels. Please contact your Intel
representative to determine which manufacturing options are available to you.
Table 3.
Manufacturing Options
ATAPI CD-ROM
Connector
A connector for attaching an internal CD-ROM drive to the onboard audio subsystem
ATX fan
connector
Additional fan connector for use in larger chassis (D915GAV board only)
IEEE-1394a
Interface
IEEE-1394a controller and three IEEE-1394a connectors (one back panel connector,
two front-panel connectors)
LAN subsystem
The D915GAG board provides one of the following:
• Gigabit (10/100/1000 Mbits/sec) LAN subsystem using the Marvel* Yukon*
88E8050 PCI Express Gigabit Ethernet Controller
• 10/100 Mbits/sec LAN subsystem using the Intel® 82562EZ Platform LAN Connect
(PLC) device
• No LAN subsystem
SCSI Hard Drive
Activity LED
Connector
Allows add-in hard drive controllers (SCSI or other) to use the same LED as the
onboard IDE controller.
Serial Port B
Second serial port accessible via a connector on the component side of the board
S/PDIF Connector
A 1 x 3 connector (mounted on the component side of the board) that provides digital
audio signals in S/PDIF format
Trusted Platform
Module (TPM)
A component that enhances platform security
For information about
Refer to
Available configurations for the Desktop Boards D915GAV and D915GAG
Section 1.4, page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com