Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8237-6000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8237-6000
Description  3M D Sub Plug Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8237-6000 Datasheet(HTML) 2 Page - 3M Electronics

  8237-6000 Datasheet HTML 1Page - 3M Electronics 8237-6000 Datasheet HTML 2Page - 3M Electronics 8237-6000 Datasheet HTML 3Page - 3M Electronics 8237-6000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ D Sub Plug
Plug Connector
8200 Series
TS-0234-D
Sheet 2 of 3
Inch
[mm]
Tolerance Unless Noted
Inch
.0
.00
.000
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Ordering Information
Connector
82XX - X00X
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
Cover Style:
6= Open Cover
7= Closed Cover
Mounting Style:
0 =
Ø .120 [ 3.05 ] (E1 & C1 Apply)
3 = 4-40 UNC (E5 & C3 Apply)
9 = Rivet Crimp (E1 & C1 Apply)
Contact
Quantity
C
Assembly tools: 3M™ Press, 3640 (or equivalent), 3M™ Locator Plate, 3443-106N, 3M™ Platen, 3442-39N for (9 & 15 pos.) or 3442-41N for (25 & 37 pos.)
.24
[ 6.0 ]
+.00
-.01
.384
[ 9.75 ]
.42 Ref
[ 10.7 ]
.65
[ 16.5 ]
Assembled
Thickness
13
12
11
10
9
1
2
3
4
5
6
7
25
24
23
22
21
20
14 15
16 17
18
10° Typ
Open End
Cover 1
Closed End
Cover
D
E
Adhesive w/Liner
.050 Typ
[ 1.27 ]
See Page
3 Details
.11 Ref
[ 2.8 ]
.49
[ 12.4 ]
Position 1
.0545 Typ
[ 1.384 ]
.295
[ 7.5 ]
Note: dimension taken from
inside of dimple on inside of
shell.
B
C
A
Note: Number and
location of dimples
varies by part size.
Contact
Quantity
Dimensions
A
B
C
D
E
F ± .008
9
1.22 [30.9]
0.67 [16.9]
0.98 [25.0]
0.46 [11.75]
0.67 [16.92]
0.70 [17.76]
15
1.54 [39.2]
1.00 [25.4]
1.31 [33.3]
0.76 [19.4]
0.99 [25.2]
1.03 [26.15]
25
2.09 [53.0]
1.54 [39.1]
1.85 [47.0]
1.27 [32.2]
1.54 [39.0]
1.58 [40.1]
37
2.73 [69.4]
2.18 [55.43]
2.50 [63.5]
1.87 [47.6]
2.19 [55.56]
2.22 [56.34]
Strain Relief
(Order Separately)
3448 - 8DXXA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com