Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 1 Page - Linear Technology

  LTM8062 Datasheet HTML 1Page - Linear Technology LTM8062 Datasheet HTML 2Page - Linear Technology LTM8062 Datasheet HTML 3Page - Linear Technology LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8062
1
8062f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
32VIN, 2A µModule Power
Tracking Battery Charger
The LTM®8062 is a complete 32VIN, 2A μModule® power
tracking battery charger. The LTM8062 provides a con-
stant-current/constant-voltage charge characteristic, a 2A
maximum charge current, and employs a 3.3V float voltage
feedback reference, so any desired battery float voltage up
to 14.4V can be programmed with a resistor divider.
The LTM8062 employs an input voltage regulation loop,
which reduces charge current if the input voltage falls below
a programmed level, set with a resistor divider. When the
LTM8062 is powered by a solar panel, this input regulation
loop is used to maintain the panel at peak output power.
The LTM8062 also features preconditioning trickle charge,
bad battery detection, a choice of termination schemes
and automatic restart.
The LTM8062 is packaged in a thermally enhanced, com-
pact (9mm
× 15mm × 4.32mm) over-molded land grid
array (LGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8062 is
RoHS compliant.
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
2A LiFePO4 μModule Battery Charger
APPLICATIONS
n
Complete Battery Charger System
n
Input Supply Voltage Regulation Loop for Peak
Power Tracking in MPPT (Maximum Peak Power
Tracking) Solar Applications
n
Wide Input Voltage Range: 4.95V to 32V
(40V Abs Max)
n
2A Charge Current
n
Resistor Programmable Float Voltage Up to 14.4V
Accommodates Li-Ion/Polymer, LiFePO4, SLA
n
Integrated Input Reverse Voltage Protection
n
User Selectable Termination: C/10 or Termination
Timer
n
0.75% Float Voltage Reference Accuracy
n
9mm
× 15mm × 4.32mm LGA Package
n
Industrial Handheld Instruments
n
12V to 24V Automotive and Heavy Equipment
n
Desktop Cradle Chargers
n
Solar Power Battery Charging
Charge Current vs Battery Voltage
8062 TA01a
LTM8062
GND
VINA
VIN
VINREG
RUN
TMR
NTC
VIN
6V TO 32V
BAT
BIAS
CHRG
FAULT
ADJ
4.7μF
274k
2.87M
1-CELL
LiFePO4
(3.6V)
BATTERY VOLTAGE (V)
0
0
2
2500
8062 TA01b
13
4
1000
500
1500
2000
NORMAL CHARGING
PRECONDITION
TERMINATION


Similar Part No. - LTM8062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062/ LINER-LTM8062/ Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM8062

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
2A Lithium-Ion/Polymer Battery Charger
logo
Linear Technology
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
Power Tracking 2A Battery Charger
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
32V, 2A 關Module Li-Ion/ Polymer Battery Charger
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
32V, 2A Module Li-Ion/ Polymer Battery Charger
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
32VIN, 2A Module Power Tracking Battery Chargers
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
Power Tracking 2A Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com