Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3659/16SO Datasheet(PDF) 2 Page - 3M Electronics

Part # 3659/16SO
Description  3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3659/16SO Datasheet(HTML) 2 Page - 3M Electronics

  3659/16SO Datasheet HTML 1Page - 3M Electronics 3659/16SO Datasheet HTML 2Page - 3M Electronics 3659/16SO Datasheet HTML 3Page - 3M Electronics 3659/16SO Datasheet HTML 4Page - 3M Electronics 3659/16SO Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Flat Cable
.050" 28 AWG Stranded, Mass Terminatable, PVC/PVC
3659 Series
TS-0083-B
Sheet 2 of 2
Ordering Information
3659 / XX XX XX
Note: Available in standard lengths of 100 ft or 300 ft rolls,
please specify when ordering. Contact 3M for availability of
additional conductor counts and/or custom roll lengths.
Notes:
1.
Red marking on one edge of primary cable designates wire #1.
2.
Dimension B pertains to bonded area only.
Number of
Conductors
3M Part Number
Dimension A
Dimension B Ref
(See Note 2)
09
3659/09
0.27 [ 6.9 ]
0.40 [ 10.2 ]
10
3659/10
0.27 [ 6.9 ]
0.45 [ 11.4 ]
14
3659/14
0.31 [ 7.9 ]
0.65 [ 16.5 ]
15
3659/15
0.31 [ 7.9 ]
0.70 [ 17.8 ]
16
3659/16
0.31 [ 7.9 ]
0.75 [ 19.1 ]
20
3659/20
0.34 [ 8.6 ]
0.95 [ 24.1 ]
24
3659/24
0.37 [ 9.4 ]
1.15 [ 29.2 ]
25
3659/25
0.37 [ 9.4 ]
1.20 [ 30.5 ]
26
3659/26
0.37 [ 9.4 ]
1.25 [ 31.8 ]
34
3659/34
0.41 [ 10.4 ]
1.65 [ 41.9 ]
36
3659/36
0.43 [ 10.9 ]
1.75 [ 44.5 ]
37
3659/37
0.43 [ 10.9 ]
1.80 [ 45.7 ]
40
3659/40
0.43 [ 10.9 ]
1.95 [ 49.5 ]
50
3659/50
0.48 [ 12.2 ]
2.45 [ 62.2 ]
60
3659/60
0.51 [ 13.0 ]
2.95 [ 74.9 ]
64
3659/64
0.54 [ 13.7 ]
3.15 [ 80.0 ]
B
Bonded
Split
1.0 Ref.
[25]
Aluminum
Polyester
Film Foil
2.4 Ref
[61]
0.050 Typ
[ 1.27 ]
.026 Min [0.66]
PVC Jacket
28 AWG, 7 X 36 AWG [ 7 X Ø 0.127 ]
Tinned Stranded Copper Conductors
PVC Primary Insulation
Paper
[ Mfgr Option ]
Braid
R
Ø A
Number of Conductors
(See Table)
Blank = Standard
SO = Continuously Bonded Wire
(No Split)
Blank = Standard
SF = Splice Free
Contact 3M for availability of additional conductor counts.
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com