Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5NK60Z Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP5NK60Z
Description  N-CHANNEL 650V @Tjmax - 1.2Ω - 5A TO-220/FP/DPAK Zener-Protected SuperMESH™MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK60Z Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP5NK60Z Datasheet HTML 4Page - STMicroelectronics STP5NK60Z Datasheet HTML 5Page - STMicroelectronics STP5NK60Z Datasheet HTML 6Page - STMicroelectronics STP5NK60Z Datasheet HTML 7Page - STMicroelectronics STP5NK60Z Datasheet HTML 8Page - STMicroelectronics STP5NK60Z Datasheet HTML 9Page - STMicroelectronics STP5NK60Z Datasheet HTML 10Page - STMicroelectronics STP5NK60Z Datasheet HTML 11Page - STMicroelectronics STP5NK60Z Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
STP5NK60Z - STP5NK60ZFP- STD5NK60Z
8/14
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com