Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM812 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM812
Description  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM812 Datasheet(HTML) 1 Page - STMicroelectronics

  STM812 Datasheet HTML 1Page - STMicroelectronics STM812 Datasheet HTML 2Page - STMicroelectronics STM812 Datasheet HTML 3Page - STMicroelectronics STM812 Datasheet HTML 4Page - STMicroelectronics STM812 Datasheet HTML 5Page - STMicroelectronics STM812 Datasheet HTML 6Page - STMicroelectronics STM812 Datasheet HTML 7Page - STMicroelectronics STM812 Datasheet HTML 8Page - STMicroelectronics STM812 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2010
Doc ID 9873 Rev 5
1/21
1
STM809, STM810
STM811, STM812
Reset circuit
Features
Precision monitoring of 3 V, 3.3 V, and 5 V
supply voltages
Two output configurations
– Push-pull RST output (STM809/811)
– Push-pull RST output (STM810/812)
140 ms reset pulse width (min)
Low supply current - 6 µA (typ)
Guaranteed RST/RST assertion down to
VCC = 1.0 V
Operating temperature:
–40 °C to 85 °C (industrial grade)
Lead-free, small SOT23 and SOT143 package
SOT23-3 (WX)
SOT143-4 (W1)
Table 1.
Device summary
Active-low reset
Active-high reset
Manual reset input
Package
STM809
SOT23-3
STM810
SOT23-3
STM811
✔✔
SOT143-4
STM812
✔✔
SOT143-4
www.st.com


Similar Part No. - STM812

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM812 STMICROELECTRONICS-STM812 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM812LW16F STMICROELECTRONICS-STM812LW16F Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM812LWX6F STMICROELECTRONICS-STM812LWX6F Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM812MW16F STMICROELECTRONICS-STM812MW16F Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM812MWX6F STMICROELECTRONICS-STM812MWX6F Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
More results

Similar Description - STM812

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com