Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9950 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 31Page - STMicroelectronics L9950_09 Datasheet HTML 32Page - STMicroelectronics L9950_09 Datasheet HTML 33Page - STMicroelectronics L9950_09 Datasheet HTML 34Page - STMicroelectronics L9950_09 Datasheet HTML 35Page - STMicroelectronics L9950_09 Datasheet HTML 36Page - STMicroelectronics L9950_09 Datasheet HTML 37Page - STMicroelectronics L9950_09 Datasheet HTML 38Page - STMicroelectronics L9950_09 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
L9950 - L9950XP
Package and packing information
Doc ID 10311 Rev 10
37/39
6.5
PowerSSO-36 packing information
Figure 15. PowerSSO-36 tube shipment (no suffix)
Figure 16. PowerSSO-36 tape and reel shipment (suffix “TR”)
All dimensions are in mm.
Base qty
49
Bulk qty
1225
Tube length (±0.5)
532
A
3.5
B
13.8
C (±0.1)
0.6
A
C
B
Base qty
1000
Bulk qty
1000
A (max)
330
B (min)
1.5
C (±0.2)
13
F
20.2
G (+2 / -0)
24.4
N (min)
100
T (max)
30.4
REEL DIMENSIONS
TAPE DIMENSIONS
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
24
Tape hole spacing
P0 (±0.1)
4
Component spacing
P
12
Hole diameter
D (±0.05)
1.55
Hole diameter
D1 (min)
1.5
Hole position
F (±0.1)
11.5
Compartment depth
K (max)
2.85
Hole spacing
P1 (±0.1)
2
Top
cover
tape
End
Start
No components
No components Components
500mm min
500mm min
Empty components pockets
sealed with cover tape.
User direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com