Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9950 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9950 Datasheet HTML 3Page - STMicroelectronics L9950 Datasheet HTML 4Page - STMicroelectronics L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics L9950 Datasheet HTML 10Page - STMicroelectronics L9950 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
L9950 - L9950XP
Block diagram and pin description
Doc ID 10311 Rev 10
7/39
3
4
5
OUT1
OUT2
OUT3
Hal bridge output 1,2,3.
The output is built by a highside and a lowside switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain-diode: highside driver from output to VS, lowside driver from
GND to output). This output is over-current and open load protected.
6, 7, 14, 15,
23, 24, 25, 28,
29, 32
VS
Power supply voltage (external reverse protection required.
For this input a ceramic capacitor as close as possible to GND is
recommended.
Important: for the capability of driving the full current at the outputs all
pins of VS must be externally connected.
8DI
Serial data input.
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is an 24bit control word and the least
significant bit (LSB, bit 0) is transferred first.
9
CM/PWM2
Current monitor output/PWM2 input.
Depending on the selected multiplexer bits of Input Data Register this
output sources an image of the instant current through the
corresponding highside driver with a ratio of 1/10.000. This pin is
bidirectional. The microcontroller can overdrive the current monitor
signal to provide a second PWM input for the outputs OUT9 and
OUT10.
10
CSN
Chip select not input/test mode.
This input is low active and requires CMOS logic levels. The serial data
transfer between L9950 and micro controller is enabled by pulling the
input CSN to low level. If an input voltage of more than 7.5V is applied
to CSN pin the L9950 will be switched into a test mode.
11
DO
Serial data output.
The diagnosis data is available via the SPI and this tristate output. The
output will remain in tristate, if the chip is not selected by the input CSN
(CSN = high).
12
VCC
Logic supply voltage.
For this input a ceramic capacitor as close as possible to GND is
recommended.
13
CLK
Serial clock input.
This input controls the internal shift register of the SPI and requires
CMOS logic levels.
16,17, 20,21,
22
OUT4
OUT5
OUT6
Half bridge output 4,5,6: see OUT1 (pin 3).
Important: for the capability of driving the full current at the outputs both
pins of OUT4 (OUT5, respectively) must be externally connected.
26
CP
Charge pump output.
This output is provided to drive the gate of an external n-channel power
MOS used for reverse polarity protection
Table 2.
Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com