Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708TM6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM708TM6F
Description  3 V supervisor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708TM6F Datasheet(HTML) 5 Page - STMicroelectronics

  STM708TM6F Datasheet HTML 1Page - STMicroelectronics STM708TM6F Datasheet HTML 2Page - STMicroelectronics STM708TM6F Datasheet HTML 3Page - STMicroelectronics STM708TM6F Datasheet HTML 4Page - STMicroelectronics STM708TM6F Datasheet HTML 5Page - STMicroelectronics STM708TM6F Datasheet HTML 6Page - STMicroelectronics STM708TM6F Datasheet HTML 7Page - STMicroelectronics STM708TM6F Datasheet HTML 8Page - STMicroelectronics STM708TM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Description
Doc ID 10518 Rev 10
5/33
1
Description
The STM70x supervisors are self-contained devices which provide microprocessor
supervisory functions. A precision voltage reference and comparator monitors the VCC input
for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output
(RST) is forced low (or high in the case of RST).
These devices also offer a watchdog timer (except for STM708T/S/R) as well as a power-fail
comparator to provide the system with an early warning of impending power failure.
The STM706P is identical to the STM706R, except its reset output is active-high. These
devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP
package.
Figure 1.
Logic diagram (STM706T/S/R and STM706P)
1.
For STM706P only.
Figure 2.
Logic diagram (STM708T/S/R)
AI08841
VCC
STM706T/S/R,
STM706P
VSS
WDO
RST (RST)
(1)
WDI
PFI
MR
PFO
AI08842
VCC
STM708T/S/R
VSS
RST
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com