Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM690
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690 Datasheet(HTML) 1 Page - STMicroelectronics

  STM690 Datasheet HTML 1Page - STMicroelectronics STM690 Datasheet HTML 2Page - STMicroelectronics STM690 Datasheet HTML 3Page - STMicroelectronics STM690 Datasheet HTML 4Page - STMicroelectronics STM690 Datasheet HTML 5Page - STMicroelectronics STM690 Datasheet HTML 6Page - STMicroelectronics STM690 Datasheet HTML 7Page - STMicroelectronics STM690 Datasheet HTML 8Page - STMicroelectronics STM690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
August 2010
Doc ID 10519 Rev 9
1/42
1
STM690, STM704, STM795
STM802, STM804, STM805, STM806
3 V supervisor with battery switchover
Features
RST or RST outputs
NVRAM supervisor for external LPSRAM
Chip enable gating (STM795 only) for external
LPSRAM (7 ns max prop delay)
Manual (push-button) reset input
200 ms (typ) trec
Watchdog timer - 1.6 s (typ)
Automatic battery switchover
Low battery supply current - 0.4 µA (typ)
Power-fail comparator (PFI/PFO)
Low supply current - 40 µA (typ)
Guaranteed RST (RST) assertion
down to VCC = 1.0 V
Operating temperature:
–40 °C to 85 °C (industrial grade)
RoHS compliance
– Lead-free components are compliant with
the RoHS directive
1.
Contact local ST sales office for availability.
8
1
SO8 (M)
TSSOP8 3x3 (DS)(1)
Table 1.
Device summary
Watchdog
Input
Active- low
RST(1)
Active- high
RST(1)
Manual
reset
input
Battery
switchover
Power-fail
comparator
Chip enable
gating
STM690T/S/R
✓✓
STM704T/S/R
✓✓
STM795T/S/R
(2)
✓✓
STM802T/S/R
✓✓
STM804T/S/R
✓✓(2)
✓✓
STM805T/S/R
✓✓(2)
✓✓
STM806T/S/R
✓✓
1.
All RST outputs push-pull (unless otherwise noted).
2.
Open drain output.
www.st.com


Similar Part No. - STM690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM690 STMICROELECTRONICS-STM690 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6904PWEDS6E STMICROELECTRONICS-STM6904PWEDS6E Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6904PWEDS6F STMICROELECTRONICS-STM6904PWEDS6F Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
More results

Similar Description - STM690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
High-Voltage OVP with Battery Switchover
Rev 0; 7/07
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com