Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VSTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM3Z12VSTG
Description  Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z12VSTG Datasheet(HTML) 2 Page - ON Semiconductor

  MM3Z12VSTG Datasheet HTML 1Page - ON Semiconductor MM3Z12VSTG Datasheet HTML 2Page - ON Semiconductor MM3Z12VSTG Datasheet HTML 3Page - ON Semiconductor MM3Z12VSTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM3Z3V3ST1 SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (VF = 0.9 Max @ IF = 10 mA for all types)
Device*
Device
Marking
Test
Current
Izt mA
Zener Voltage VZ
ZZK IZ
= 0.5
mA W
Max
ZZT
IZ = IZT
@ 10%
Mod W
Max
Max
IR @ VR
dVZ/dt (mV/k)
@ IZT1 = 5 mA
C pF Max @
VR = 0
f = 1 MHz
Min
Max
mA
V
Min
Max
MM3Z3V0ST1, G
T4
5.0
2.90
3.11
1000
100
10
1.0
−3.5
0
450
MM3Z3V3ST1, G
T5
5.0
3.32
3.53
1000
95
5.0
1.0
−3.5
0
450
MM3Z3V9ST1, G
T7
5.0
3.89
4.16
1000
90
3.0
1.0
−3.5
−2.5
450
MM3Z4V3ST1, G
T8
5.0
4.17
4.43
1000
90
3.0
1.0
−3.5
0
450
MM3Z4V7ST1, G
T9
5.0
4.55
4.75
800
80
3.0
2.0
−3.5
0.2
260
MM3Z5V1ST1, G
TA
5.0
4.98
5.2
500
60
2.0
2.0
−2.7
1.2
225
MM3Z5V6ST1, G
TC
5.0
5.49
5.73
200
40
1.0
2.0
−2.0
2.5
200
MM3Z6V2ST1, G
TE
5.0
6.06
6.33
100
10
3.0
4.0
0.4
3.7
185
MM3Z6V8ST1, G
TF
5.0
6.65
6.93
160
15
2.0
4.0
1.2
4.5
155
MM3Z7V5ST1, G
TG
5.0
7.28
7.6
160
15
1.0
5.0
2.5
5.3
140
MM3Z8V2ST1, G
TH
5.0
8.02
8.36
160
15
0.7
5.0
3.2
6.2
135
MM3Z9V1ST1, G
TK
5.0
8.85
9.23
160
15
0.5
6.0
3.8
7.0
130
MM3Z10VST1, G
WB
5.0
9.80
10.20
160
15
0.5
6.0
4.5
8.0
130
MM3Z12VST1, G
TN
5.0
11.74
12.24
80
25
0.1
8.0
6.0
10
130
MM3Z15VST1, G
TP
5.0
14.34
14.98
80
40
0.1
11
8.8
12.7
130
MM3Z16VST1, G
TU
5.0
15.85
16.51
80
40
0.05
11.2
10.4
14
105
MM3Z18VST1, G
TW
5.0
17.56
18.35
80
45
0.05
12.6
12.4
16
100
MM3Z22VST1G
WP
5.0
21.54
22.47
100
55
0.05
15.4
16.4
20
85
MM3Z24VST1G
WT
5.0
23.72
24.78
120
70
0.05
16.8
18.4
22
80
MM3Z27VST1G
WQ
5.0
26.19
27.53
300
80
0.05
18.9
21.4
25.3
70
MM3Z33VST1G
WR
5.0
32.15
33.79
300
80
0.05
23.2
27.4
33.4
70
MM3Z36VST1G
WU
5.0
35.07
36.87
500
90
0.05
25.2
30.4
37.4
70
*The “G’’ suffix indicates Pb−Free package available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com