Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM704SM6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM704SM6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SM6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM704SM6F Datasheet HTML 12Page - STMicroelectronics STM704SM6F Datasheet HTML 13Page - STMicroelectronics STM704SM6F Datasheet HTML 14Page - STMicroelectronics STM704SM6F Datasheet HTML 15Page - STMicroelectronics STM704SM6F Datasheet HTML 16Page - STMicroelectronics STM704SM6F Datasheet HTML 17Page - STMicroelectronics STM704SM6F Datasheet HTML 18Page - STMicroelectronics STM704SM6F Datasheet HTML 19Page - STMicroelectronics STM704SM6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Operation
STM690, STM704, STM795, STM802, STM804, STM805, STM806
16/42
Doc ID 10519 Rev 9
2.5
Chip enable gating (STM795 only)
Internal gating of the chip enable (E) signal prevents erroneous data from corrupting the
external CMOS RAM in the event of an undervoltage condition. The STM795 uses a series
transmission gate from E to ECON (see Figure 11). During normal operation (reset not
asserted), the E transmission gate is enabled and passes all E transitions. When reset is
asserted, this path becomes disabled, preventing erroneous data from corrupting the CMOS
RAM. The short E propagation delay from E to ECON enables the STM795 to be used with
most µPs. If E is low when reset asserts, ECON remains low for typically 10 µs to permit the
current write cycle to complete.
2.6
Chip enable input (STM795 only)
The chip enable transmission gate is disabled and E is high impedance (disabled mode)
while reset is asserted. During a power-down sequence when VCC passes the reset
threshold, the chip enable transmission gate disables and E immediately becomes high
impedance if the voltage at E is high. If E is low when reset asserts, the chip enable
transmission gate will disable 10 µs after reset asserts (see Figure 12). This permits the
current write cycle to complete during power-down.
Any time a reset is generated, the chip enable transmission gate remains disabled and E
remains high impedance (regardless of E activity) for the first half of the reset time-out
period (trec/2). When the chip enable transmission gate is enabled, the impedance of E
appears as a 40
Ω resistor in series with the load at ECON. The propagation delay through
the chip enable transmission gate depends on VCC, the source impedance of the drive
connected to E, and the loading on ECON. The chip enable propagation delay is production
tested from the 50% point on E to the 50% point on ECON using a 50 Ω driver and a 50 pF
load capacitance (see Figure 35). For minimum propagation delay, minimize the capacitive
load at ECON and use a low-output impedance driver.
2.7
Chip enable output (STM795 only)
When the chip enable transmission gate is enabled, the impedance of ECON is equivalent to
a 40
Ω resistor in series with the source driving E. In the disabled mode, the transmission
gate is off and an active pull-up connects ECON to VOUT (see Figure 11). This pull-up turns
off when the transmission gate is enabled.
Figure 11.
Chip enable gating
AI08802
VRST
VOUT
VCC
COMPARE
ECON
trec
generator
ECON OUTPUT
CONTROL
RST
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com