Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD40NF10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD40NF10
Description  N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD40NF10 Datasheet HTML 6Page - STMicroelectronics STD40NF10 Datasheet HTML 7Page - STMicroelectronics STD40NF10 Datasheet HTML 8Page - STMicroelectronics STD40NF10 Datasheet HTML 9Page - STMicroelectronics STD40NF10 Datasheet HTML 10Page - STMicroelectronics STD40NF10 Datasheet HTML 11Page - STMicroelectronics STD40NF10 Datasheet HTML 12Page - STMicroelectronics STD40NF10 Datasheet HTML 13Page - STMicroelectronics STD40NF10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STP40NF10 - STD40NF10
10/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com