Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1L02XX Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1L02XX
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1L02XX Datasheet HTML 8Page - STMicroelectronics ST1L02XX Datasheet HTML 9Page - STMicroelectronics ST1L02XX Datasheet HTML 10Page - STMicroelectronics ST1L02XX Datasheet HTML 11Page - STMicroelectronics ST1L02XX Datasheet HTML 12Page - STMicroelectronics ST1L02XX Datasheet HTML 13Page - STMicroelectronics ST1L02XX Datasheet HTML 14Page - STMicroelectronics ST1L02XX Datasheet HTML 15Page - STMicroelectronics ST1L02XX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical characteristics
ST1L02xx
12/19
Figure 17.
Output noise vs frequency
Figure 18.
Change of VO with step load
change
Figure 19.
Change of VO with step load
change
Figure 20.
Change of VO with step load
change
Figure 21.
Change of VO with step load
change
Figure 22.
Change of VO with step load
change
VI=5V, IO=100mA to 300mA, CO=10μF, CI=10μF, tRISE≥1µs
VI=5V, IO=300mA to 500mA, CO=10μF, CI=10μF, tRISE≥1µs
VI=5V, IO=500mA to 700mA, CO=10μF, CI=10μF, tRISE≥1µs,
TJ=25°C
VI=5V, IO=700mA to 900mA, CO=10μF, CI=10μF, tRISE≥1µs,
TJ=25°C
VI=5V, IO=10mA to S.C., CO=10μF, CI=10μF, tRISE≥1µs,
TJ=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com