Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1L02PU18R Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1L02PU18R
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02PU18R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1L02PU18R Datasheet HTML 4Page - STMicroelectronics ST1L02PU18R Datasheet HTML 5Page - STMicroelectronics ST1L02PU18R Datasheet HTML 6Page - STMicroelectronics ST1L02PU18R Datasheet HTML 7Page - STMicroelectronics ST1L02PU18R Datasheet HTML 8Page - STMicroelectronics ST1L02PU18R Datasheet HTML 9Page - STMicroelectronics ST1L02PU18R Datasheet HTML 10Page - STMicroelectronics ST1L02PU18R Datasheet HTML 11Page - STMicroelectronics ST1L02PU18R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST1L02xx
8/19
Table 7.
Electrical characteristics for ST1L02XX33
(refer to the typical application schematic, VI = 4.5V to 7V, IO = 5mA to 1A, CI = 4.7µF,
CO = 4.7 µF, TJ = 0 to 125 °C, unless otherwise specified). Typical values are intended at
TJ = 25 °C unless otherwise specified.
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 4.75 V to 5.25 V, T = 25°C
3.234
3.3
3.366
V
VO
Output voltage
VI = 4.75 V to 5.25 V
3.2175
3.3
3.3825
V
ΔVO
Line regulation
VI = 4.75 V to 5.25 V
15
mV
ΔVO
Load regulation
VI = 4.75 V, IO = 10 mA to 1 A
10
mV
IS
Output current limit
VI = 5.5 V
1.0
A
IOMIN
Minimum output current for
regulation
2mA
Vd
Dropout voltage
IO = 0.8 A
0.6
1.0
V
IO = 1 A
0.7
1.1
V
IQ
Quiescent current
VI = 5 V, IO = 2 mA to 1 A, T= 25°C
500
µA
IQ
Quiescent current
VI = 7 V, IO = 2 mA to 1 A
650
µA
SVR
Supply voltage rejection (2)
VI = 5 ± 0.5V, IO = 5 mA, f = 120 Hz
50
75
dB
eN
RMS Output noise (2)
B = 10 Hz to 10 kHz, VI = 5 V,
IO = 5 mA
0.003
%VO
ΔVO/ΔIO Load transient (rising) (1)
VI = 5 V, any 200 mA step from
100 mA to 1 A, tR ≥ 1 µs
5%VO
ΔVO/ΔIO Load transient (falling) (1)
VI = 5 V, IO = 1 A to 10 mA, tF ≥ 1 µs
3.6
V
ΔVO/ΔVI Start-up transient (1)
VI =0 V to 5 V, IO = 10 mA to 1 A,
tR ≥ 1 µs
3.5
V
ΔVO/ΔIO
Short circuit removal response
(1)
VI = 5 V, IO = short to 10 mA
3.5
V
TSH
Thermal shutdown trip point (2) VI = 5 V
165
°C
1.
CI = 10 µF, CO = 10 µF, all X7R ceramic capacitors.
2.
Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com