Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM802LM6F Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 35Page - STMicroelectronics STM802LM6F Datasheet HTML 36Page - STMicroelectronics STM802LM6F Datasheet HTML 37Page - STMicroelectronics STM802LM6F Datasheet HTML 38Page - STMicroelectronics STM802LM6F Datasheet HTML 39Page - STMicroelectronics STM802LM6F Datasheet HTML 40Page - STMicroelectronics STM802LM6F Datasheet HTML 41Page - STMicroelectronics STM802LM6F Datasheet HTML 42Page - STMicroelectronics STM802LM6F Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Package mechanical data
Doc ID 10522 Rev 10
39/43
Figure 44.
TSSOP8 - 8-lead, thin shrink small outline, 3 x 3 mm body size, outline
Note:
Drawing is not to scale.
TSSOP8BM
1
8
CP
c
L
E
E1
D
A2
A
e
b
4
5
A1
L1
Table 9.
TSSOP8 - 8-lead, thin shrink small outline, 3 x 3 mm body size,
mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
-
-
1.10
-
-
0.043
A1
-
0.05
0.15
-
0.002
0.006
A2
0.85
0.75
0.95
0.034
0.030
0.037
b
-
0.25
0.40
-
0.010
0.016
c
-
0.13
0.23
-
0.005
0.009
CP
-
-
0.10
-
-
0.004
D
3.00
2.90
3.10
0.118
0.114
0.122
e
0.65
-
-
0.026
-
-
E
4.90
4.65
5.15
0.193
0.183
0.203
E1
3.00
2.90
3.10
0.118
0.114
0.122
L
0.55
0.40
0.70
0.022
0.016
0.030
L1
0.95
-
-
0.037
-
-
α
-0°
-
N8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com