Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM704SDS6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 13Page - STMicroelectronics STM704SDS6F Datasheet HTML 14Page - STMicroelectronics STM704SDS6F Datasheet HTML 15Page - STMicroelectronics STM704SDS6F Datasheet HTML 16Page - STMicroelectronics STM704SDS6F Datasheet HTML 17Page - STMicroelectronics STM704SDS6F Datasheet HTML 18Page - STMicroelectronics STM704SDS6F Datasheet HTML 19Page - STMicroelectronics STM704SDS6F Datasheet HTML 20Page - STMicroelectronics STM704SDS6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Operation
Doc ID 10519 Rev 9
17/42
Figure 12.
Chip enable waveform (STM795)
2.8
Power-fail input/output (NOT available on STM795)
The Power-Fail Input (PFI) is compared to an internal reference voltage (independent from
the VRST comparator). If PFI is less than the power-fail threshold (VPFI), the Power-Fail
Output (PFO) will go low. This function is intended for use as an undervoltage detector to
signal a failing power supply. Typically PFI is connected through an external voltage divider
(see Figure 10) to either the unregulated DC input (if it is available) or the regulated output
of the VCC regulator. The voltage divider can be set up such that the voltage at PFI falls
below VPFI several milliseconds before the regulated VCC input to the STM690/704/795/802/
804/805/806 or the microprocessor drops below the minimum operating voltage.
During battery backup, the power-fail comparator is turned off and PFO goes (or remains)
low (see Figure 13). This occurs after VCC drops below VSW (2.4 V). When power returns,
the power-fail comparator is enabled and PFO follows PFI. If the comparator is unused, PFI
should be connected to VSS and PFO left unconnected. PFO may be connected to MR on
the STM704/806 so that a low voltage on PFI will generate a reset output.
2.9
Applications information
These supervisor circuits are not short-circuit protected. Shorting VOUT to ground -
excluding power-up transients such as charging a decoupling capacitor - destroys the
device. Decouple both VCC and VBAT pins to ground by placing 0.1 µF capacitors as close to
the device as possible.
AI08855c
RST
E
VCC
VRST
VBAT
ECON
trec
trec
½ trec
½ trec
10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com