Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805MM6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM805MM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805MM6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM805MM6F Datasheet HTML 6Page - STMicroelectronics STM805MM6F Datasheet HTML 7Page - STMicroelectronics STM805MM6F Datasheet HTML 8Page - STMicroelectronics STM805MM6F Datasheet HTML 9Page - STMicroelectronics STM805MM6F Datasheet HTML 10Page - STMicroelectronics STM805MM6F Datasheet HTML 11Page - STMicroelectronics STM805MM6F Datasheet HTML 12Page - STMicroelectronics STM805MM6F Datasheet HTML 13Page - STMicroelectronics STM805MM6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Description
STM690A/692A/703/704/802/805/817/818/819
10/43
Doc ID 10522 Rev 10
Figure 7.
Block diagram (STM690A/692A/802/805/817)
1.
For STM805, reset output is active-high.
Table 3.
Pin description
Pin
Name
Function
STM818
STM690A
STM692A
STM802
STM817
STM703
STM704
STM819
STM805
--
6
-
MR
Push-button reset input
6
6
-
6
WDI
Watchdog input
77
7
-
RST
Active-low reset output
-
-
-
7
RST
Active-high reset output
11
11
VOUT
Supply output for external LPSRAM
22
22
VCC
Supply voltage
88
88
VBAT
Backup battery input
4-
-
-
E
Chip-enable input
5-
-
-
ECON
Conditioned chip-enable output
-
4
4
4
PFI
Power-fail input
-5
5
5
PFO
Power-fail output (push-pull)
33
33
VSS
Ground
AI07897
WATCHDOG
TIMER
VRST
VOUT
COMPARE
COMPARE
COMPARE
trec
Generator
VPFI
VBAT
VSO
VCC
PFI
WDI
RST(RST)
(1)
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com