Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CT Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # MBR20100CT
Description  NCE MOS Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

MBR20100CT Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  MBR20100CT Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
MBR20100CT
Pb-Free Product
NCE MOS Barrier Rectifier
Description
This Schottky rectifier has been optimized for low reverse leakage at
high temperature, this product special design for high forward and
reverse surge capability
General Features
●
VRRM
100V
●
IF(AV)
2 x 10 A
●
High frequency operation
●
Low forward voltage drop
●
Center tap package
●
Lead free product is acquired
●
High Junction Temperature
●
High ESD Protection, IEC Model ±10KV
●
High Forward & Reverse Surge capability
Application
●
Power Supply − Output Rectification
●
Power Management
●
Instrumentation
Schematic diagram
Marking and pin Assignment
TO-220 top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MBR20100CT
MBR20100CT
TO-220
Absolute Maximum Ratings (TA=25℃ unless otherwise noted)
Parameter
Symbol
Limit
Unit
Peak Repetitive Reverse Voltage
VRRM
100
V
Per diode
10
A
Average Forward Current
Per device
IF(AV)
20
A
Non Repetitive Surge Forward Current(tp=8.3ms sinusoidal)
IFSM
180
A
Peak Repetitive Reverse Surge Current(Tp=2us)
IRRM
0.5
A
Maximum operation Junction Temperature Range
TJ
-50~150
℃
Storage Temperature Range
Tstg
-50~150
℃


Similar Part No. - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR20100CT DIODES-MBR20100CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Micro Commercial Compon...
MBR20100CT MCC-MBR20100CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBR20100CT IRF-MBR20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Similar Description - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR10L40 UTC-MGBR10L40 Datasheet
125Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR10U45 UTC-MGBR10U45 Datasheet
140Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR12L45 UTC-MGBR12L45 Datasheet
171Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR15L45 UTC-MGBR15L45 Datasheet
127Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR15S50 UTC-MGBR15S50 Datasheet
126Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR20S50 UTC-MGBR20S50 Datasheet
123Kb / 3P
MOS GATED BARRIER RECTIFIER
MGBR20L100 UTC-MGBR20L100 Datasheet
159Kb / 3P
MOS GATED BARRIER RECTIFIER
logo
Cystech Electonics Corp...
SKM545ULD CYSTEKEC-SKM545ULD Datasheet
421Kb / 5P
MOS BARRIER RECTIFIER
SKM1045UCTE3 CYSTEKEC-SKM1045UCTE3 Datasheet
525Kb / 5P
MOS BARRIER RECTIFIER
SKM2050AJ3 CYSTEKEC-SKM2050AJ3 Datasheet
491Kb / 6P
MOS BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com