| Electronic Components Datasheet Search |
|
STR755FV1 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR755FV1 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Electrical parameters 39/84 Typical power consumption The following measurement conditions apply to Table 15, Table 16 and Table 17. In RUN mode: ● Program is executed from Flash (except if especially mentioned). The program consists of an infinite loop. When fHCLK > 32 MHz, burst mode is activated. ● A standard 4 MHz crystal source is used. ● In all cases the PLL is used to multiply the frequency. ● All measurements are done in the single supply scheme with internal regulators used (see Figure 12) In WFI Mode: ● In WFI Mode the measurement conditions are similar to RUN mode (OSC4M and PLL enabled). In addition, the Flash can be disabled depending on burst mode activation: – For AHB frequencies greater than 32 MHz, burst mode is activated and the Flash is kept enabled by setting the WFI_FLASH_EN bit (this bit cannot be reset when burst mode is activated). – For AHB frequencies less than or equal to 32 MHz, burst mode is deactivated, WFI_FLASH_EN is reset and the LP_PARAM14 bit is set (Flash is disabled in WFI mode). In SLOW mode: ● The same program as in RUN mode is executed from Flash. The CPU is clocked by the FREEOSC, OSC4M, LPOSC or OSC32K. Only EXTIT peripheral is enabled in the MRCC_PCLKEN register. In SLOW-WFI mode: ● In SLOW-WFI, the measurement conditions are similar to SLOW mode (CPU clocked by a low frequency clock). In addition, the LP_PARAM14 bit is set (FLASH is OFF). The WFI routine itself is executed from SRAM (it is not allowed to execute a WFI from the internal FLASH) In STOP mode: ● Several measurements are given: in the single supply scheme with internal regulators used (see Figure 12): and in the dual supply scheme (see Figure 13). In STANDBY mode: ● Three measurements are given: – The RTC is disabled, only the consumption of the LPVREG and RSM remain (almost no leakage currents) – The RTC is running, clocked by a standard 32.768 kHz crystal. – The RTC is running, clocked by the internal Low Power RC oscillator (LPOSC) ● STANDBY mode is only supported in the single supply scheme (see Figure 12) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |