| Electronic Components Datasheet Search |
|
STR751FR0H6 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR751FR0H6 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Pin description 17/84 7D1 5 D1 P0.29 / TIM1_TI1 / ADC_IN8 I/O TT X XO2 X X Port 0.29 TIM1: Input Capture 1 ADC: Analog input 8 8E1 6 D2 P0.28 / TIM1_OC1 I/O TT X XO2 X X Port 0.28 TIM1: Output Compare 1 9 E5 7 D3 TEST I Reserved, must be tied to ground 10 E4 8 D4 VSS_IO S Ground Voltage for digital I/Os 11 E2 P0.23 / UART1_RTS / ADC_IN6 I/O TT X XO2 X X Port 0.23 UART1: Ready To Send output(4) ADC analog input 6 12 F5 P2.04 / TIM2_OC1 I/O TT X XO2 X X Port 2.04 TIM2: Output Compare 1(4) 13 F1 P2.03 / UART1_RTS I/O TT X XO2 X X Port 2.03 UART1: Ready To Send output(4) 14 F4 P2.02 I/O TT X XO2 X X Port 2.02 15 E3 P0.22 / UART1_CTS / ADC_IN5 I/O TT X XO2 X X Port 0.22 UART1: Clear To Send input ADC: Analog input 5 16 F2 9 E4 P0.21 / UART1_TX I/O TT X XO2 X X Port 0.21 UART1: Transmit data output (remappable to P0.15)(4) 17 F3 10 E3 P0.20 / UART1_RX I/O TT X XO2 X X Port 0.20 UART1: Receive data input (remappable to P0.14)(4) 18 G3 11 E2 P1.19 / JTMS I/O TT XX O2 X X JTAG mode selection input(6) Port 1.19 19 G2 12 E1 P1.18 / JTCK I/O TT XX O2 X X JTAG clock input(6) Port 1.18 20 H3 13 F4 P1.17 / JTDO I/O TT XX O8 X X JTAG data output(6) Port 1.17 21 H2 14 F3 P1.16 / JTDI I/O TT XX O2 X X JTAG data input(6) Port 1.16 22 G1 15 F2 NJTRST I TT JTAG reset input(5) 23 G4 P2.01 I/O TT X XO2 X X Port 2.01 24 G5 P2.00 I/O TT X XO2 X X Port 2.00 25 H1 16 F1 P0.13 / RTCK / UART0_RTS UART2_TX I/O TT XX O8 X X JTAG return clock output(6) Port 0.13 UART0: Ready To Send output(4) UART2: Transmit Data output (when remapped)(8) Table 6. STR750F pin description (continued) Pin n° Pin name Input Output Main function (after reset) Alternate function OD (3) PP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |